Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M7502 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

No. de pieza M7502
Descripción Electrónicos  HIGH RELIABILITY FOR LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PETERMANN [PETERMANN-TECHNIK]
Página de inicio  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M7502 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  M7502 Datasheet HTML 1Page - PETERMANN-TECHNIK M7502 Datasheet HTML 2Page - PETERMANN-TECHNIK M7502 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- WIDE FREQUENCY RANGE UP TO 700.0 MHz
- AVAILABLE IN 5.0 AND 3.3 VOLT
- EXCELLENT JITTER PERFORMANCE
- CHEAPEST AVAILABLE LEADED VCXO IN DIP PACKAGE WITH PECL OUTPUT SIGNAL
SERIES
PACKAGE
5.0 VOLT
3.3 VOLT
VS. SUPPLY VOLTAGE
VS. LOAD
VS. AGING
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
VOLTAGE
+5.0 VDC +-5%
+3.3 VDC +-5%
CURRENT
100 mA max.
100 mA max.
STANDARD
OPTION
SIGNAL FOR 5.0 VOLT
SIGNAL FOR 3.3 VOLT
RISE AND FALL TIME
"0" LEVEL
"1" LEVEL
FOR 5.0 VOLT
FOR 3.3 VOLT
START-UP TIME
INPUT IMPEDANCE
CONTROL VOLTAGE RANGE STANDARD
0.5 ~ 4.5 VDC
0 ~ 3.3 VDC
CONTROL VOLTAGE OPTIONAL
0 ~ 5.0 VDC
CENTER VOLTAGE
2.5 VDC
1.65 VDC
PULLABILITY
LINEARITY
SLOPE
PIN 1
PIN 7
PIN 8
PIN 14
25 ps typ. for 5.0 volt version
CONTROL VOLTAGE
CASE GROUND
OUTPUT
SUPPLY VOLTAGE
- EXTENDED TEMPERATURE RANGE TO -40/+85°C AVAILABLE
- APPLICATIONS: FIBER CHANEL, GIGABIT ETHERNET, SDH/SONET, BROADBAND, TELECOM, ETC.
1.5 ns max. (20% TO 80% PECL)
PECL
PECL
SYMMETRY
FREQUENCY RANGE
INPUT
-10/+60°C ~ -40/+85°C
8 ps typ. for 3.3 volt version
+-50 ppm min.
10% max.
POSITIVE
50 k
Ω min.
VDD-1.62 V max.
VDD-1.02 V min.
NO LOAD
50
Ω to VDD-2VDC
40/60%
45/55%
10 mS max.
-55/+125°C
M7502
DIP 14 PACKAGE
96.0 ~ 160.0 MHz
480.0 ~ 700.0 MHz
5 VOLT = +-20 ~ +-100 ppm max.
+-5 ppm max.
+-1 ppm max.
+-5 ppm max. / first year
3.3 VOLT = +-50 ~ +-100 ppm
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
LOAD
OUTPUT
FREQUENCY STABILITY
FOR PECL
PIN CONNECTION
VS. TEMPERATURE
PERIOD JITTER RMS
PETERMANN
TECHNIK
Time & Frequency Components


Número de pieza similar - M7502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
M750000004 SPANSION-M750000004 Datasheet
2Mb / 129P
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
M750000005 SPANSION-M750000005 Datasheet
2Mb / 129P
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
M750000006 SPANSION-M750000006 Datasheet
1Mb / 129P
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
M750000007 SPANSION-M750000007 Datasheet
1Mb / 129P
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
M750000008 SPANSION-M750000008 Datasheet
2Mb / 136P
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results

Descripción similar - M7502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
HIGH RELIABILITY FOR LOW COST
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
High reliability for low cost
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com