Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DEMM9PD Datasheet(PDF) 180 Page - ITT Industries

No. de pieza DEMM9PD
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9PD Datasheet(HTML) 180 Page - ITT Industries

Back Button DEMM9PD Datasheet HTML 176Page - ITT Industries DEMM9PD Datasheet HTML 177Page - ITT Industries DEMM9PD Datasheet HTML 178Page - ITT Industries DEMM9PD Datasheet HTML 179Page - ITT Industries DEMM9PD Datasheet HTML 180Page - ITT Industries DEMM9PD Datasheet HTML 181Page - ITT Industries DEMM9PD Datasheet HTML 182Page - ITT Industries DEMM9PD Datasheet HTML 183Page - ITT Industries DEMM9PD Datasheet HTML 184Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
179
D Subminiature
Space/High Reliability
90
° Solder Termination (Machined) with Metal Bracket — European Footprint 10,2 or 9,4
mm
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Engaging Face
DD Configuration
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
N
±0,15 (.006)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
10,7 (.42)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
10,7 (.42)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
10,7 (.42)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
10,7 (.42)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,1 (.48)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Part Numbers
Shell Size
Layout
Metal Bracket
Threaded Insert #4-40
Metal Bracket
Threaded Insert M3
DE
9
DEM9SNM*1A7N
DEM9SNM*1A9N
DA
15
DAM15SNM*1A7N
DAM15SNM*1A9N
DB
25
DBM25SNM*1A7N
DBM25SNM*1A9N
DC
37
DCM37SNM*1A7N
DCM37SNM*1A9N
DD
50
DDM50SNM*1A7N
DDM50SNM*1A9N
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9SNMB1A7N
For shells with 50 microinches gold, add K52. Example: DEM9SNM1A7NK52
C
B
A
D
E
10
°
Ø 0,60 (.024)
1,00
(.039)
5,08 (.200)
2,54 (.100)
9,40 (.370)
L
3,70 (.146)
2,54 (.100)
W
F
9,40 (.370)
3,70 (.146)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More