Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DEMM9PD Datasheet(PDF) 141 Page - ITT Industries

No. de pieza DEMM9PD
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9PD Datasheet(HTML) 141 Page - ITT Industries

Back Button DEMM9PD Datasheet HTML 137Page - ITT Industries DEMM9PD Datasheet HTML 138Page - ITT Industries DEMM9PD Datasheet HTML 139Page - ITT Industries DEMM9PD Datasheet HTML 140Page - ITT Industries DEMM9PD Datasheet HTML 141Page - ITT Industries DEMM9PD Datasheet HTML 142Page - ITT Industries DEMM9PD Datasheet HTML 143Page - ITT Industries DEMM9PD Datasheet HTML 144Page - ITT Industries DEMM9PD Datasheet HTML 145Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
140
D Subminiature
Military/High Reliability
Solder Cup Connector
Part Numbers
Military Part Numbers
Shell
Dual
Clinch Nut
Size
Layout
Through Hole
Float Mount
#4-40 UNC
DE
9
DEMM9P
DEMMY9P
DEMME9P
DA
15
DAMM15P
DAMMY15P
DAMME15P
DB
25
DBMM25P
DBMMY25P
DBMME25P
DC
37
DCMM37P
DCMMY37P
DCMME37P
DD
50
DDMM50P
DDMMY50P
DDMME50P
Commercial Part Numbers
Shell
Dual
Clinch Nut
Size
Layout
Through Hole
Float Mount
#4-40 UNC
DE
9
DEM9P
DEMY9P
DEME9P
DA
15
DAM15P
DAMY15P
DAME15P
DB
25
DBM25P
DBMY25P
DBME25P
DC
37
DCM37P
DCMY37P
DCME37P
DD
50
DDM50P
DDMY50P
DDME50P
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0.76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
A
C
B
E
D
10
°
Ø 3,05
(.120)
10,72 (.422)
MAX
5,69
(.224)
2,84
(.112)
L
K
2,84
(.112)
F
W
Plug
Engaging Face
DD Configuration
Reader’s Resource
For contact cavity arrangements,
see page 224.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More