| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DBM25SL Datasheet(PDF) 227 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SL Datasheet(HTML) 227 Page - ITT Industries |
|
227 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change D Subminiature Reader’s Resource Hardware Views (Standard) Ø 3,05 (.120) K Ø 4,11 (.162) K 4,19 (.165) MAX 0,60 (.025) MAX. #4-40 UNC OVERALL FREE FLOAT 0,10 - 0,30 (.004 - .012) 0,79 (.031) OTAL DIAMETRICAL FLOAT (FOR MISALIGNMENT) 0,79 ± 0,13 (.031 ± .005) WASHER 3,30 (.130) MAX. Ø 2,26 ± 0,08 (.089 ± .003) RIVET Alternate Bracket Configuration Supplied with connectors without boardlocks. Dimensions Shell Size R ±0,25 (.010) S ±0,25 (.010) DE, DA, DB, DC 11,61 (.457) 12,78 (.503) DD 12,78 (.503) 13,95 (.549) Through Hole (Eyelet) Clinch Nut (E) Tab Shells (K) Dual Float Mount (Y) Dimensions — Plug Shell Size K ±0,317 (.0125) K ±0,25 (.010) DE 1,206 (.0475) — DA 1,206 (.0475) — DB — 1,52 (.060) DC — 1,52 (.060) DD — 1,52 (.060) Dimensions — Receptacle Shell Size K ±0,318 (.0125) DE 1,206 (.0475) DA 1,206 (.0475) DB 1,206 (.0475) DC 1,206 (.0475) DD 1,206 (.0475) Standard Footprint (P) European Footprint (P) R S 226 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |