| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DBM25SC Datasheet(PDF) 211 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SC Datasheet(HTML) 211 Page - ITT Industries |
|
211 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 210 D Subminiature Accessories Locking Hardware Slide Lock Assemblies Sliding Lock Retainer Assembly 2,36 (.093) TRAVEL REF A C B Ideal for Ethernet Applications Kit consists of 1 sliding lock plate, 2 mounting screws, 2 lock washers, 2 hex nuts Order 1 kit per connector Description Material Finish/ Treatment Sliding Lock Plate Stainless Steel Passivated Screw, Mounting Washer, Lock Steel Yellow Chromate Over Cadmium or Zinc Nut, Hex Shell Size Layout Part Number A ±0,38 (.015) B ±0,38 (.015) C ±0,13 (.005) DE 9 DE51224-1 35,05 (1.380) 12,70 (.500) 25,00 (.984) DA 15 DA51220-1* 43,70 (1.720) 12,70 (.500) 33,32 (1.312) DB 25 DB51221-1 57,40 (2.260) 12,70 (.500) 47,04 (1.852) DC 37 DC51222-1 73,86 (2.908) 12,70 (.500) 63,50 (2.500) DD 50 DD51223-1 71,47 (2.814) 15,47 (.609) 61,11 (2.406) * Meets IEEE 802.3 Ethernet Specification ITT Cannon offers the largest variety of locking and latching hardware. Refer to the accessories selection guide on pages 198-199 for use with ITT Cannon backshells. Product Features Ensures positive mating Provides locking and latching for high vibration applications WASHER LOCK WASHER, #4-40 POST #4-40 NUT, HEX WASHER, LOCK NUT, HEX MOUNTING SCREW #4-40 SLIDING LOCK PLATE, , , , |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |