Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2N5681 Datasheet(PDF) 1 Page - Comset Semiconductor

No. de pieza 2N5681
Descripción Electrónicos  NPN SWITCHING TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMSET [Comset Semiconductor]
Página de inicio  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5681 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N5681 Datasheet HTML 1Page - Comset Semiconductor 2N5681 Datasheet HTML 2Page - Comset Semiconductor 2N5681 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N5681 – 2N5682
COMSET SEMICONDUCTORS
1/3
N
NP
PN
N S
SW
WIIT
TC
CH
HIIN
NG
G T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The 2N5681 and 2N5682 are silicon expitaxial planar PNP
transistors in jedec TO-39 metal case.
They are intended for use as drivers for high power transistors
in general purpose, amplifier and switching circuit.
The complementary PNP types are the 2N5679 and 2N5680 .
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
25681
2N5682
VCEO
Collector-Emitter Voltage
IB =0
100
120
V
VCBO
Collector-Base Voltage
IE =0
100
120
V
VEBO
Emitter-Base Voltage
IC =0
4
V
IC
Collector Current
1
A
IB
Base Current
500
mA
PD
Total Power Dissipation
Tamb = 25°C
1
W
Tcase = 25°C
10
TJ
Junction Temperature
200
°C
TStg
Storage Temperature range
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to ambient
175
°C/W
RthJ-c
Thermal Resistance, Junction to case
17.5
°C/W
B
C
E


Número de pieza similar - 2N5681

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5681 BOCA-2N5681 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5681 CENTRAL-2N5681 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5681 ETC-2N5681 Datasheet
347Kb / 8P
Power Transistors
More results

Descripción similar - 2N5681

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
NPN Switching Transistors
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
NPN Switching Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com