Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 207 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 207 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 203Page - ITT Industries DAMMN7H2SN Datasheet HTML 204Page - ITT Industries DAMMN7H2SN Datasheet HTML 205Page - ITT Industries DAMMN7H2SN Datasheet HTML 206Page - ITT Industries DAMMN7H2SN Datasheet HTML 207Page - ITT Industries DAMMN7H2SN Datasheet HTML 208Page - ITT Industries DAMMN7H2SN Datasheet HTML 209Page - ITT Industries DAMMN7H2SN Datasheet HTML 210Page - ITT Industries DAMMN7H2SN Datasheet HTML 211Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
206
D Subminiature Accessories
Plastic Backshell
One-Piece Plastic
Straight Exit
Kit consists of 1 shell, 1 cable clamp,
1 set screw
Mounting hardware included
2 screws #4-24 x 5/16 long self-tapping
Accommodates spring latches
Materials and Finishes
Backshell Material:
Black Thermoplastic,
UL 94V-2 rated
Hardware Material:
Steel
Hardware Finish:
Yellow Chromate over
Cadmium or Zinc
B
C
A
D
G
CABLE
ENTRY
Ø E
CABLE
ENTRY
F
CABLE
ENTRY
C
A
B
D
J
CABLE
ENTRY
K
CABLE
ENTRY
Ø H
CABLE
ENTRY
Shell
Size Layout
Part
Number
A
±0,38 (.015)
B
±0,38 (.015)
C
±0,13 (.005)
D
±0,38 (.015)
X E
±0,25 (.010)
F
±0,25 (.010)
G
±0,25 (.010)
DE
9
DE51218 30,94 (1.218) 25,40 (1.000) 24,99 (.984)
12,70 (.500)
7,14 (.281)
—
—
DA
15
DA51210 39,27 (1.546) 25,40 (1.000) 33,33 (1.312) 12,70 (.500)
9,14 (.360)
—
—
DB
25
DB51212 53,16 (2.093) 31,75 (1.250) 47,04 (1.852) 12,70 (.500)
—
12,52 (.493)
9,15 (.360)
DC
37
DC51214 69,44 (2.734) 38,10 (1.500) 63,50 (2.500) 12,70 (.500)
—
17,63 (.694)
9,15 (.360)
DD
50
DD51216 67,06 (2.640) 38,10 (1.500) 61,11 (2.406) 15,47 (.609)
—
18,64 (.734)
11,89 (.468)
90
° Exit
Kit consists of 1 shell, 1 cable clamp,
1 set screw
Mounting hardware included
2 screws #4-24 x 5/16 long self-tapping
Materials and Finishes
Backshell Material:
Black Thermoplastic,
UL 94V-2 rated
Hardware Material:
Steel
Hardware Finish:
Yellow Chromate over
Cadmium or Zinc
Shell
Size Layout
Part
Number
A
±0,38 (.015)
B
±0,38 (.015)
C
±0,13 (.005)
D
±0,38 (.015)
X H
±0,25 (.010)
J
±0,25 (.010)
K
±0,25 (.010)
DE
9
DE51219 37,95 (1.494) 25,40 (1.000) 24,99 (.984)
12,70 (.500)
7,14 (.281)
—
—
DA
15
DA51211 46,28 (1.822) 25,40 (1.000) 33,33 (1.312) 12,70 (.500)
9,14 (.360)
—
—
DB
25
DB51213 60,15 (2.368) 31,75 (1.250) 47,04 (1.852) 12,70 (.500)
—
12,52 (.493)
9,15 (.360)
DC
37
DC51215 76,43 (3.009) 38,10 (1.500) 63,50 (2.500) 12,70 (.500)
—
17,63 (.694)
9,15 (.360)
DD
50
DD51217 74,04 (2.915) 38,10 (1.500) 61,11 (2.406) 15,47 (.609)
—
18,64 (.734)
11,89 (.468)
Dataphone
Available in 25 position only
Mounting hardware included
2 screws #4-40 x 11/16 long
Materials and Finishes
Backshell Material:
Black Thermoplastic,
UL 94V-0 rated
Hardware Material:
Steel
Hardware Finish:
Clear Chromate over
Cadmium or Zinc
Shell
Size
Layout
Part
Number
Max. Cable
Entry
DB
25
DB51226-1B
7,92 (.312)
20,22 - 19,43
(.796 - .765)
36,09 - 35,31
(1.421 - 1.390)
3,81 - 3,56
(.150 - .140)
11,18 - 10,41
(.440 - .410)
47,04(1.852)
# 4-40 THREADS
56,34 - 55,55
(2.218 - 2.187)
45,72 - 45,21
(1.800 - 1.780)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com