Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 129 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 129 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 125Page - ITT Industries DAMMN7H2SN Datasheet HTML 126Page - ITT Industries DAMMN7H2SN Datasheet HTML 127Page - ITT Industries DAMMN7H2SN Datasheet HTML 128Page - ITT Industries DAMMN7H2SN Datasheet HTML 129Page - ITT Industries DAMMN7H2SN Datasheet HTML 130Page - ITT Industries DAMMN7H2SN Datasheet HTML 131Page - ITT Industries DAMMN7H2SN Datasheet HTML 132Page - ITT Industries DAMMN7H2SN Datasheet HTML 133Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
128
D Subminiature
Filter D
D*JT Combo — High Power Solder Cup
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Part Numbers
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3W3P1
DAJTE3W3P1
DAJTX3W3P1
1500 pF
DAJT3W3P6
DAJTE3W3P6
DAJTX3W3P6
5000 pF
DAJT3W3P5
DAJTE3W3P5
DAJTX3W3P5
47000 pF
DAJT3W3P9
DAJTE3W3P9
DAJTX3W3P9
Note: For performance class 1 add -A190. Example: DAJT3W3P6-A190
Part Numbers – Keyed Configuration
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3WK3P1
DAJTE3WK3P1
DAJTX3WK3P1
1500 pF
DAJT3WK3P6
DAJTE3WK3P6
DAJTX3WK3P6
5000 pF
DAJT3WK3P5
DAJTE3WK3P5
DAJTX3WK3P5
47000 pF
DAJT3WK3P9
DAJTE3WK3P9
DAJTX3WK3P9
Note: For performance class 1 add -A190. Example: DAJT3WK3P6-A190
For electrical data, see page 107.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
L
±0,25 (.010)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
0,76 (.030)
Engaging Face
Keyed Configuration
Engaging Face
A
C
B
E
D
A1
A3
10
°
Ø 3,05
(.120)
A
C
B
E
D
A1
A3
10
°
Ø 3,05
(.120)
L
W
F
Ø 3,63 (.143)
15,80
± 0,50
(.622
± .011)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com