Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 149 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 149 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 145Page - ITT Industries DAMMN7H2SN Datasheet HTML 146Page - ITT Industries DAMMN7H2SN Datasheet HTML 147Page - ITT Industries DAMMN7H2SN Datasheet HTML 148Page - ITT Industries DAMMN7H2SN Datasheet HTML 149Page - ITT Industries DAMMN7H2SN Datasheet HTML 150Page - ITT Industries DAMMN7H2SN Datasheet HTML 151Page - ITT Industries DAMMN7H2SN Datasheet HTML 152Page - ITT Industries DAMMN7H2SN Datasheet HTML 153Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
148
D Subminiature
Military/High Reliability
Coaxial 90
° PCB (Size DD)
75 Ohm Part Numbers* with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMMP24C7PJ
DDMMC24C7PJ
DDMMD24C7PJ
DDMMG24C7PJ
DD
36W4
DDMMP36C4PJ
DDMMC36C4PJ
DDMMD36C4PJ
DDMMG36C4PJ
DD
43W2
DDMMP43C2PJ
DDMMC43C2PJ
DDMMD43C2PJ
DDMMG43C2PJ
DD
47W1
DDMMP47C1PJ
DDMMC47C1PJ
DDMMD47C1PJ
DDMMG47C1PJ
Note: *For 50 Ohm Coaxial substitute X for C. Example: DDMMP24X7PJ
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,41 (.016)
L
±0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Screw lock, boardlock, and coaxial contact
removed for clarity
Screw lock, boardlock, and signal contacts
removed for clarity
11,53
± 0,25
(.454
± .010)
5,68
(.224)
2,84
(.112)
4,33
± 0,38
(.170
± .015)
RIVNUT
#4-40 UNC
F
W
3,89 (.153)
MIN
11,94
± 0,33
(.470
± .013)
L
2,54
(.100)
Ø 0,51
(.020)
0,56
(.023)
6,50
± 0,25
(.256
± .010)
13,74
(.541)
10,06
(.396)
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
A
C
B
D
E
Ø 0,76
(.030)
0,82
(.032)
2,92
(.115)
BOARDLOCK
10
°
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 230.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com