Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC12C671 Datasheet(PDF) 103 Page - Microchip Technology

No. de pieza PIC12C671
Descripción Electrónicos  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C671 Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC12C671 Datasheet HTML 99Page - Microchip Technology PIC12C671 Datasheet HTML 100Page - Microchip Technology PIC12C671 Datasheet HTML 101Page - Microchip Technology PIC12C671 Datasheet HTML 102Page - Microchip Technology PIC12C671 Datasheet HTML 103Page - Microchip Technology PIC12C671 Datasheet HTML 104Page - Microchip Technology PIC12C671 Datasheet HTML 105Page - Microchip Technology PIC12C671 Datasheet HTML 106Page - Microchip Technology PIC12C671 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 103
PIC12C67X
FIGURE 12-7: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, AND POWER-UP
TIMER TIMING
TABLE 12-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
2
sVDD = 5V, –40°C to +125°C
31*
Twdt
Watchdog Timer Time-out Period
(No Prescaler)
718
33
ms
VDD = 5V, –40°C to +125°C
32
Tost
Oscillation Start-up Timer Period
1024TOSC
——
TOSC = OSC1 period
33*
Tpwrt
Power up Timer Period
28
72
132
ms
VDD = 5V, –40°C to +125°C
34
TIOZ
I/O Hi-impedance from MCLR
Low or Watchdog Timer Reset
——
2.1
s
*
These parameters are characterized but not tested.
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
VDD
MCLR
Internal
POR
PWRT
Timeout
OSC
Timeout
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
34
I/O Pins
34
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com