| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L152CB Datasheet(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152CB Datasheet(HTML) 108 Page - STMicroelectronics |
|
108 / 121 page ![]() Package characteristics STM32L151x6/8/B, STM32L152x6/8/B 108/121 Doc ID 17659 Rev 8 Figure 36. Recommended footprint 1. Dimensions are in millimeters. Table 64. LQFP48, 7 x 7 mm, 48-pin low-profile quad flat package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 1.600 0.0630 A1 0.050 0.150 0.0020 0.0059 A2 1.350 1.400 1.450 0.0531 0.0551 0.0571 b 0.170 0.220 0.270 0.0067 0.0087 0.0106 c 0.090 0.200 0.0035 0.0079 D 8.800 9.000 9.200 0.3465 0.3543 0.3622 D1 6.800 7.000 7.200 0.2677 0.2756 0.2835 D3 5.500 0.2165 E 8.800 9.000 9.200 0.3465 0.3543 0.3622 E1 6.800 7.000 7.200 0.2677 0.2756 0.2835 E3 5.500 0.2165 e 0.500 0.0197 L 0.450 0.600 0.750 0.0177 0.0236 0.0295 L1 1.000 0.0394 k 0° 3.5°7° 0° 3.5°7° ccc 0.080 0.0031 9.70 5.80 7.30 12 24 0.20 7.30 1 37 36 1.20 5.80 9.70 0.30 25 1.20 0.50 ai14911b 13 48 |