| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PLL2_C2 Datasheet(PDF) 259 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C2 Datasheet(HTML) 259 Page - Altera Corporation |
|
259 / 274 page ![]() Chapter 11: SEU Mitigation in the Cyclone III Device Family 11–7 Software Support December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 Software Support Enabling the CRC error detection feature in the Quartus II software generates the CRC _ERROR output to the optional dual purpose CRC_ERROR pin. To enable the error detection feature using CRC, perform the following steps: 1. Open the Quartus II software and load a project using Cyclone III device family. 2. On the Assignments menu, click Settings. The Settings dialog box appears. 3. In the Category list, select Device. The Device page appears. 4. Click Device and Pin Options, as shown in Figure 11–2. 5. In the Device and Pin Options dialog box, click the Error Detection CRC tab. 6. Turn on Enable error detection CRC. 7. In the Divide error check frequency by box, enter a valid divisor as documented in Table 11–5 on page 11–6. 1 The divisor value divides down the frequency of the configuration oscillator output clock. This output clock is used as the clock source for the error detection process. 8. Click OK. Figure 11–2. Enabling the Error Detection CRC Feature in the Quartus II Software |