Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLL2_C4 Datasheet(PDF) 271 Page - Altera Corporation

No. de pieza PLL2_C4
Descripción Electrónicos  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C4 Datasheet(HTML) 271 Page - Altera Corporation

Back Button PLL2_C4 Datasheet HTML 266Page - Altera Corporation PLL2_C4 Datasheet HTML 267Page - Altera Corporation PLL2_C4 Datasheet HTML 268Page - Altera Corporation PLL2_C4 Datasheet HTML 269Page - Altera Corporation PLL2_C4 Datasheet HTML 270Page - Altera Corporation PLL2_C4 Datasheet HTML 271Page - Altera Corporation PLL2_C4 Datasheet HTML 272Page - Altera Corporation PLL2_C4 Datasheet HTML 273Page - Altera Corporation PLL2_C4 Datasheet HTML 274Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 271 / 274 page
background image
Chapter 12: IEEE 1149.1 (JTAG) Boundary-Scan Testing for the Cyclone III Device Family
12–7
Boundary-Scan Description Language Support
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
c You must not invoke the following private instructions at any instance because these
instructions can potentially damage the device, rendering the device useless:
■
1000010000
■
1001000000
■
1011100000
Boundary-Scan Description Language Support
The boundary-scan description language (BSDL), a subset of VHDL, provides a
syntax that allows you to describe the features of an IEEE Std. 1149.1 BST-capable
device that can be tested. To download BSDL files for IEEE Std. 1149.1-compliant
Cyclone III device family, visit the Altera Download Center.
1 BSDL files for IEEE std. 1149.1-compliant Cyclone III LS devices can also be generated
using version 9.0 and later of the Quartus II software.
To perform BST on a configured device, a post configuration BSDL file that is
customized to your design is required. Post configuration BSDL file generation with
BSDL Customizer script (available on the Altera Download Center) is for Cyclone III
devices only.
Use version 9.0 and later of the Quartus II software to create a post configuration
BSDL file for Cyclone III LS devices.
f For information on the procedures to generate the generic and post configuration
BSDL files with Quartus II software, visit the Altera Download Center.
Document Revision History
Table 12–4 lists the revision history for this document.
Table 12–4. Document Revision History (Part 1 of 2)
Date
Version
Changes
December 2011
2.3
■ Updated “IEEE Std. 1149.1 BST Architecture” on page 12–1 and “I/O Voltage Support in a
JTAG Chain” on page 12–5.
■ Minor text edits.
December 2009
2.2
Minor changes to the text.
July 2009
2.1
Made minor correction to the part number.
June 2009
2.0
■ Updated “Introduction” on page 12–1, “IEEE Std. 1149.1 BST Architecture” on
page 12–1, “IEEE Std. 1149.1 BST Operation Control” on page 12–2, “Guidelines for IEEE
Std. 1149.1 BST” on page 12–6, and “Boundary-Scan Description Language Support” on
page 12–7.
■ Updated Table 12–1 on page 12–2, Table 12–2 on page 12–2, and Table 12–3 on
page 12–3.
October 2008
1.3
Updated chapter to new template.
May 2008
1.2
Minor textual changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More