| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE07 Datasheet(PDF) 257 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE07 Datasheet(HTML) 257 Page - Tyco Electronics |
|
257 / 326 page ![]() K8 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 K K Series Knobs, Machined Aluminum KLNS SERIES Straight Knurl with Indicator Line on Top, Side and Skirt Tyco Electronics Alcoswitch Color A B C D E F G 1-1437622-6 KLNS500A1/8 Natural .500(12.7) .280(7.11) .380(9.65) .750(19.0) .160(4.07) .630(16.0) .510(13.0) 1-1437622-5 KLNS500A1/4 Natural .500(12.7) .280(7.11) .380(9.65) .750(19.0) .160(4.07) .630(16.0) .510(13.0) 1-1437622-8 KLNS500B1/8 Black .500(12.7) .280(7.11) .380(9.65) .750(19.0) .160(4.07) .630(16.0) .510(13.0) 1-1437622-7 KLNS500B1/4 Black .500(12.7) .280(7.11) .380(9.65) .750(19.0) .160(4.07) .630(16.0) .510(13.0) 2-1437622-0 KLNS700A1/4 Natural .750(19.0) .280(7.11) .590(14.9) 1.13(28.7) .160(4.07) .630(16.0) .510(13.0) 2-1437622-1 KLNS700B1/4 Black .750(19.0) .280(7.11) .590(14.9) 1.13(28.7) .160(4.07) .630(16.0) .510(13.0) 2-1437622-2 KLNS900A1/4 Natural .940(23.9) .280(7.11) .710(18.0) 1.40(35.5) .160(4.07) .630(16.0) .510(13.0) 2-1437622-3 KLNS900B1/4 Black .940(23.9) .280(7.11) .710(18.0) 1.40(35.5) .160(4.07) .630(16.0) .510(13.0) KN SERIES Straight Knurl with Arrowhead Indicator Tyco Electronics Alcoswitch Color A B C D E F G 5-1437622-1 KN501A1/8 Natural .500(12.7) .445(11.3) .374(9.50) .445(11.3) .625(15.9) .512(13.0) .456(11.58) 5-1437622-0 KN501A1/4 Natural .500(12.7) .445(11.3) .374(9.50) .445(11.3) .625(15.9) .512(13.0) .456(11.58) 5-1437622-3 KN501B1/8 Black .500(12.7) .445(11.3) .374(9.50) .445(11.3) .625(15.9) .512(13.0) .456(11.58) 5-1437622-2 KN501B1/4 Black .500(12.7) .445(11.3) .374(9.50) .445(11.3) .625(15.9) .512(13.0) .456(11.58) 6-1437622-2 KN701A1/4 Natural .750(19.1) .695(17.7) .590(15.0) 695(17.7) .625(15.9) .512(13.0) .456(11.58) 6-1437622-3 KN701B1/4 Black .750(19.1) .695(17.7) .590(15.0) 695(17.7) .625(15.9) .512(13.0) .456(11.58) Two Toned Body-Top 5-1437622-5 KN501BA1/8 Blk. - Ntl. .500(12.7) .445(11.3) .374(9.50) .445(11.3) .625(15.9) .512(13.0) .456(11.58) 5-1437622-4 KN501BA1/4 Blk. - Ntl. .500(12.7) .445(11.3) .374(9.50) .445(11.3) .625(15.9) .512(13.0) .456(11.58) 6-1437622-5 KN701BA1/8 Blk. - Ntl. .750(19.1) .695(17.7) .590(15.0) 695(17.7) .625(15.9) .512(13.0) .456(11.58) 6-1437622-4 KN701BA1/4 Blk. - Ntl. .750(19.1) .695(17.7) .590(15.0) 695(17.7) .625(15.9) .512(13.0) .456(11.58) KN SERIES KLNS900B1/4 KLNS500B1/8 120 ° 120 ° INDICATOR LINE C D A G F B E NO. 6-32 SET SCREW 2 PLACES 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.37) Straight Knurl with & without “Fingertip” Spinner Tyco Electronics Alcoswitch Color A B C D E F G Less Indicator 3-1437622-2 KN1751A1/4 Natural 1.75(44.5) 1.55(39.4) 1.38(35.1) 1.65(41.9) .620(15.0) .508(12.9) .480(12.2) 3-1437622-6 KN1751B1/4 Black 1.75(44.5) 1.55(39.4) 1.38(35.1) 1.65(41.9) .620(15.8) .508(12.9) .480(12.2) Two Toned Body - Top 3-1437622-3 KN1751AB1/4 Ntl. - Blk. 1.75(44.5) 1.55(39.4) 1.38(35.1) 1.65(41.9) .620(15.8) .508(12.9) .480(12.2) 3-1437622-7 KN1751BA1/4 Blk. - Natural 1.75(44.5) 1.55(39.4) 1.38(35.1) 1.65(41.9) .620(15.8) .508(12.9) .480(12.2) With Indicator KN1750A1/4 Natural 1.75(44.5) 1.55(39.4) 1.38(35.1) 1.65(41.9) .620(15.8) .508(12.9) .480(12.2) 3-1437622-1 KN1750B1/4 Black 1.75(44.5) 1.55(39.4) 1.38(35.1) 1.65(41.9) .620(15.8) .508(12.9) .480(12.2) With Spinner/Less Indicator 3-1437622-5 KN1751AS1/4 Natural 1.75(44.5) 1.55(39.4) 1.38(35.1) 1.65(41.9) .620(15.8) .508(12.9) .480(12.2) 3-1437622-8 KN1751BS1/4 Black 1.75(44.5) 1.55(39.4) 1.38(35.1) 1.65(41.9) .620(15.8) .508(12.9) .480(12.2) KN1751B1/4 KN1751AS1/4 A 120 ° SPINNER (MODEL KN-1751S ONLY) NO. 6-32 SET SCREW 2 PLACES C B D .738 (18.8) E G .512 (13.00) .157 (3.99) .281 (7.14) F 1/4" SHAFT=.251" (6.38) B C D G E 2.80 (7.11) .080 (2.03) .281 (7.14) 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.38) F A 120 ° ARROW INDICATOR NO. 6-32 SET SCREW 2 PLACES KN501A1/4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |