| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE09S Datasheet(PDF) 253 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE09S Datasheet(HTML) 253 Page - Tyco Electronics |
|
253 / 326 page ![]() K4 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 K K Series Knobs, Machined Aluminum KA SERIES K SERIES KA500A1/4 120 ° 90 ° 60 ° TYP. INDICATOR LINE F .157 (3.99) .125 (3.18) .281 (7.14) D B A C G E NO. 6-32 SET SCREW 2 PLACES 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.37) 6 Flute Design with Indicator Line Tyco Electronics Alcoswitch Color A B C D E F G 2-1437621-0 KA500A1/8 Natural .500(12.7) .430(10.9) .375(9.53) .430(10.9) .625(15.9) .512(13.0) .430(10.9) 1-1437621-9 KA500A1/4 Natural .500(12.7) .430(10.9) .375(9.53) .430(10.9) .625(15.9) .512(13.0) .430(10.9) 2-1437621-2 KA500B1/8 Black .500(12.7) .430(10.9) .375(9.53) .430(10.9) .625(15.9) .512(13.0) 430(10.9) 2-1437621-1 KA500B1/4 Black .500(12.7) .430(10.9) .375(9.53) .430(10.9) .625(15.9) .512(13.0) 430(10.9) 2-1437621-3 KA700A1/4 Natural .750(19.1) .655(16.6) .590(15.0) .655(16.6) .625(15.9) .512(13.0) .430(10.9) 2-1437621-4 KA700B1/4 Black .750(19.1) .655(16.6) .590(15.0) .655(16.6) .625(15.9) .512(13.0) .430(10.9) 2-1437621-5 KA900A1/4 Natural .937(28.8) .817(20.8) .700(17.8) .817(20.8) .625(15.9) .512(13.0) .430(10.9) 2-1437621-6 KA900B1/4 Black .937(28.8) .817(20.8) .700(17.8) .817(20.8) .625(15.9) .512(13.0) .430(10.9) KA1250A1/4 Natural 1.25(31.8) 1.11(28.2) .985(25.0) 1.11(28.2) .750(19.1) .630(16.0) .554(14.1) 1-1437621-8 KA1250B1/4 Black 1.25(31.8) 1.11(28.2) .985(25.0) 1.11(28.2) .750(19.1) .630(16.0) .554(14.1) 3 Flute Design with and without Indicator Line Tyco Electronics Alcoswitch Color A B C D E F G 1437621-7 K500A1/8 Natural .500(12.7) .430(10.9) .374(9.50) .430(10.9) .625(15.9) .429(10.9) .512(13.0) 1437621-6 K500A1/4 Natural .500(12.7) .430(10.9) .374(9.50) .430(10.9) .625(15.9) .429(10.9) .512(13.0) 1437621-9 K500B1/8 Black .500(12.7) .430(10.9) .374(9.50) .430(10.9) .625(15.9) .429(10.9) .512(13.0) 1437621-8 K500B1/4 Black .500(12.7) .430(10.9) .374(9.50) .430(10.9) .625(15.9) .429(10.9) .512(13.0) 1-1437621-0 K700A1/4 Natural .740(18.8) .655(16.6) .591(15.0) .655(16.6) .625(15.9) .429(10.9) .512(13.0) 1-1437621-1 K700B1/4 Black .740(18.8) .655(16.6) .591(15.0) .655(16.6) .625(15.9) .429(10.9) .512(13.0) 1-1437621-3 K900A1/4 Natural .937(23.8) .817(20.8) .709(18.0) .817(20.8) .625(15.9) .429(10.9) .512(13.0) 1-1437621-4 K900B1/4 Black .937(23.8) .817(20.8) .709(18.0) .8827(20.8) .625(15.9) .429(10.9) .512(13.0) 1437621-2 K1250A1/4 Natural 1.25(31.8) 1.11(28.2) .984(25.0) 1.11(28.2) .750(19.1) .554(14.1) .630(16.00) 1437621-3 K1250B1/4 Black 1.25(31.8) 1.11(28.2) .984(25.0) 1.11(28.2) .750(19.1) .554(14.1) .630(16.00) Less Indicator 1437621-4 K1251B1/4 Black 1.25(31.8) 1.11(28.2) .984(25.0) 1.11(28.2) .750(19.1) .554(14.1) .630(16.00) With Crank Spinner + Less Indicator K1255AS1/4 Natural 1.25(21.8) 1.11(28.2) .984(25.0) 1.11(28.2) .750(19.1) .554(14.1) .630(16.00) 1437621-5 K1255BS1/4 Black 1.25(31.8) 1.11(28.2) .984(25.0) 1.11(28.2) .750(19.1) .554(14.1) .630(16.00) 6 Flute Design with Aluminum Skirt and Indicator Lines Tyco Electronics Alcoswitch Color A BC DE FG 2-1437621-8 KAS500A1/8 Natural .500(12.7) .430(10.9) .380(9.65) .740(18.8) .630(16.0) .510(13.0) .430(10.9) 2-1437621-7 KAS500A1/4 Natural .500(12.7) .430(10.9) .380(9.65) .740(18.8) .630(16.0) .510(13.0) .430(10.9) 3-1437621-0 KAS500B1/8 Black .500(12.7) .430(10.9) .380(9.65) .740(18.8) .630(16.0) .510(13.0) .430(10.9) 2-1437621-9 KAS500B1/4 Black .500(12.7) .430(10.9) .380(9.65) .740(18.8) .630(16.0) .510(13.0) .430(10.9) 3-1437621-1 KAS700A1/4 Natural .750(19.1) .650(16.5) .590(15.0) 1.14(29.0) .630(16.0) .510(13.0) .430(10.9) 3-1437621-2 KAS700B1/4 Black .750(19.1) .650(16.5) .590(15.0) 1.14(29.0) .630(16.0) .510(13.0) .430(10.9) 3-1437621-3 KAS900A1/4 Natural .940(23.9) .820(20.8) .710(18.0) 1.40(35.6) .630(16.0) .510(13.0) .430(10.9) 3-1437621-4 KAS900B1/4 Black .940(23.9) .820(20.8) .710(18.0) 1.40(35.6) .630(16.0) .510(13.0) .430(10.9) 120 ° 90 ° 60 ° TYP. INDICATOR LINES NO. 6-32 SET SCREW 2 PLACES F .280 (7.11) .157 (3.99) D B A C G E 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.38) KAS SERIES KA700B1/4 120 ° A .400 (10.16) .500 (12.70) .281 (7.14) .157 (3.99) .315 (8.00) E G D B C F CRANK SPINNER (K1255 ONLY) NO. 6-32 SET SCREW 2 PLACES 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.37) K700B1/4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |