| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L151RB Datasheet(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RB Datasheet(HTML) 117 Page - STMicroelectronics |
|
117 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Revision history Doc ID 17659 Rev 8 117/121 9 Revision history on Table 70. Document revision history Date Revision Changes 02-Jul-2010 1 Initial release. 01-Oct-2010 2 Removed 5 V tolerance (FT) from PA3, PB0 and PC3 in Table 9: STM32L15xxx pin definitions on page 36 Updated Table 15: Embedded reset and power control block characteristics on page 51 Updated Table 16: Embedded internal reference voltage on page 53 Added Table 53: ADC clock frequency on page 90 Updated Table 54: ADC characteristics on page 90 16-Dec-2010 3 Modified consumptions on page 1 and in Section 3.1: Low power modes on page 13 LED_SEG8 removed on PB6 Updated Section 6: Electrical characteristics on page 47 VFQFPN48 replaced by UFQFPN48 25-Feb-2011 4 Features: updated value of Low-power sleep. Section 3.3.2: Power supply supervisor: updated note. Table 9: STM32L15xxx pin definitions: modified main function (after reset) and alternate function for OSC_IN and OSC_OUT pins; modified footnote 5; added footnote to OSC32_IN and OSC32_OUT pins; C1 and D1 removed on PD0 and PD1 pins (TFBGA64 column). Section 3.11: DAC (digital-to-analog converter): updated bullet list. Table 11: Voltage characteristics on page 49: updated footnote 3 regarding IINJ(PIN). Table 12: Current characteristics on page 49: updated footnote 4 regarding positive and negative injection. Table 15: Embedded reset and power control block characteristics on page 51: updated typ and max values for TRSTTEMPO (VDD rising, BOR enabled). Table 17: Current consumption in Run mode, code with data processing running from Flash on page 54: removed values for HSI clock source (16 MHz), Range 3. Table 18: Current consumption in Run mode, code with data processing running from RAM on page 55: removed values for HSI clock source (16 MHz), Range 3. Table 19: Current consumption in Sleep mode on page 56: removed values for HSI clock source (16 MHz), Range 3 for both RAM and Flash; changed units. Table 20: Current consumption in Low power run mode on page 57: updated parameter and max value of IDD Max (LP Run). Table : on page 58: updated symbol, parameter, and max value of IDD Max (LP Sleep). Table 18: Typical and maximum current consumptions in Stop mode: updated values for IDD (Stop with RTC) - RTC clocked by LSE external clock (32.768 kHz), regulator in LP mode, HSI and HSE OFF (no independent watchdog). |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |