| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
16F87 Datasheet(PDF) 153 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F87 Datasheet(HTML) 153 Page - Microchip Technology |
|
153 / 228 page ![]() 2005 Microchip Technology Inc. DS30487C-page 151 PIC16F87/88 16.2 Instruction Descriptions ADDLW Add Literal and W Syntax: [ label ] ADDLW k Operands: 0 ≤ k ≤ 255 Operation: (W) + k → (W) Status Affected: C, DC, Z Description: The contents of the W register are added to the eight-bit literal ‘k’ and the result is placed in the W register. ADDWF Add W and f Syntax: [ label ] ADDWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) + (f) → (destination) Status Affected: C, DC, Z Description: Add the contents of the W register with register ‘f’. If ‘d’ = 0, the result is stored in the W register. If ‘d’ = 1, the result is stored back in register ‘f’. ANDLW AND Literal with W Syntax: [ label ] ANDLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .AND. (k) → (W) Status Affected: Z Description: The contents of W register are AND’ed with the eight-bit literal ‘k’. The result is placed in the W register. ANDWF AND W with f Syntax: [ label ] ANDWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .AND. (f) → (destination) Status Affected: Z Description: AND the W register with register ‘f’. If ‘d’ = 0, the result is stored in the W register. If ‘d’ = 1, the result is stored back in register ‘f’. BCF Bit Clear f Syntax: [ label ] BCF f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: 0 → (f<b>) Status Affected: None Description: Bit ‘b’ in register ‘f’ is cleared. BSF Bit Set f Syntax: [ label ] BSF f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: 1 → (f<b>) Status Affected: None Description: Bit ‘b’ in register ‘f’ is set. |