| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX250 Datasheet(PDF) 180 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX250 Datasheet(HTML) 180 Page - Microsemi Corporation |
|
180 / 262 page ![]() Package Pin Assignments 3- 54 R e v i sio n 1 8 IO51PB1F4 E21 IO52NB1F4 F22 IO52PB1F4 E22 IO53NB1F4 B25 IO53PB1F4 B24 IO54NB1F5 D24 IO54PB1F5 D23 IO55NB1F5 F23 IO55PB1F5 E23 IO56NB1F5 H21 IO56PB1F5 G21 IO57NB1F5 D25 IO57PB1F5 C25 IO58NB1F5 F24 IO58PB1F5 E24 IO59NB1F5 D26 IO59PB1F5 C26 IO60NB1F5 G23 IO60PB1F5 G22 IO61NB1F5 B27 IO61PB1F5 A27 IO62NB1F5 F25 IO62PB1F5 E25 IO63NB1F5 H23 IO63PB1F5 H22 Bank 2 IO64NB2F6 K23 IO64PB2F6 J23 IO65NB2F6 J24 IO65PB2F6 H24 IO66NB2F6 H26 IO66PB2F6 H25 IO67NB2F6 G26 IO67PB2F6 G25 IO68NB2F6 K25 FG896 AX1000 Function Pin Number IO68PB2F6 K24 IO69NB2F6 F27 IO69PB2F6 E27 IO70NB2F6 J26 IO70PB2F6 J25 IO71NB2F6 H27 IO71PB2F6 G27 IO72NB2F6 J28 IO72PB2F6 H28 IO73NB2F6 G28 IO73PB2F6 F28 IO74NB2F7 L23 IO74PB2F7 L24 IO75NB2F7 L26 IO75PB2F7 K26 IO76NB2F7 M25 IO76PB2F7 L25 IO77NB2F7 K27 IO77PB2F7 J27 IO78NB2F7 M27 IO78PB2F7 L27 IO79NB2F7 K30 IO79PB2F7 K29 IO80NB2F7 M23 IO80PB2F7 M24 IO81NB2F7 M28 IO81PB2F7 L28 IO82NB2F7 N26 IO82PB2F7 M26 IO83NB2F7 N25 IO83PB2F7 N24 IO84NB2F7 N22 IO84PB2F7 N23 IO85NB2F8 M29 IO85PB2F8 L29 FG896 AX1000 Function Pin Number IO86NB2F8 N28 IO86PB2F8 N27 IO87NB2F8 P29 IO87PB2F8 P30 IO88NB2F8 P25 IO88PB2F8 P24 IO89NB2F8 P28 IO89PB2F8 P27 IO90NB2F8 P22 IO90PB2F8 P23 IO91NB2F8 R26 IO91PB2F8 P26 IO92NB2F8 R24 IO92PB2F8 R25 IO93NB2F8 R29 IO93PB2F8 R30 IO94NB2F8 R22 IO94PB2F8 R23 IO95NB2F8 T27 IO95PB2F8 R27 Bank 3 IO96NB3F9 T29 IO96PB3F9 T30 IO97NB3F9 U29 IO97PB3F9 U30 IO98NB3F9 T22 IO98PB3F9 T23 IO99NB3F9 U26 IO99PB3F9 T26 IO100NB3F9 U24 IO100PB3F9 T24 IO101NB3F9 V28 IO101PB3F9 U28 IO102NB3F9 U23 IO102PB3F9 U22 FG896 AX1000 Function Pin Number |