Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM79C971VCW Datasheet(PDF) 194 Page - Advanced Micro Devices

No. de pieza AM79C971VCW
Descripción Electrónicos  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 194 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 191Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 193Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 194Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 196Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 197Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 198Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 265 page
background image
194
Am79C971
CONTROL AND STATUS REGISTERS (CONCLUDED)
RAP
Addr
Symbol
Default Value
After H_RESET
Comments
Use
108
CSR108
uuuu uuuu
Reserved
109
CSR109
uuuu uuuu
Reserved
110
CSR110
uuuu uuuu
Reserved
111
CSR111
uuuu uuuu
Reserved
112
CSR112
uuuu uuuu
Missed Frame Count
R
113
CSR113
uuuu uuuu
Reserved
114
CSR114
uuuu uuuu
Received Collision Count
R
115
CSR115
uuuu uuuu
Reserved
116
CSR116
uuuu 0200
Reserved
117
CSR117
uuuu uuuu
Reserved
118
CSR118
uuuu uuuu
Reserved
119
CSR119
uuuu 0105
Reserved
120
CSR120
uuuu uuuu
Reserved
121
CSR121
uuuu uuuu
Reserved
122
CSR226
uuuu 0000
Receive Frame Alignment Control
S
123
CSR237
uuuu uuuu
Reserved
124
CSR248
uuuu 0000
Test Register 1
T
125
CSR125
003c 0060
MAC Enhanced Configuration Control
T
126
CSR126
uuuu uuuu
Reserved
127
CSR127
uuuu uuuu
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com