Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IO19PDB0V0 Datasheet(PDF) 120 Page - Microsemi Corporation

No. de pieza IO19PDB0V0
Descripción Electrónicos  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO19PDB0V0 Datasheet(HTML) 120 Page - Microsemi Corporation

Back Button IO19PDB0V0 Datasheet HTML 116Page - Microsemi Corporation IO19PDB0V0 Datasheet HTML 117Page - Microsemi Corporation IO19PDB0V0 Datasheet HTML 118Page - Microsemi Corporation IO19PDB0V0 Datasheet HTML 119Page - Microsemi Corporation IO19PDB0V0 Datasheet HTML 120Page - Microsemi Corporation IO19PDB0V0 Datasheet HTML 121Page - Microsemi Corporation IO19PDB0V0 Datasheet HTML 122Page - Microsemi Corporation IO19PDB0V0 Datasheet HTML 123Page - Microsemi Corporation IO19PDB0V0 Datasheet HTML 124Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 197 page
background image
Pin Descriptions
5- 6
R ev isio n 1 2
Global I/O Naming Conventions
Gmn (Gxxx) refers to Global I/Os. These Global I/Os are used to connect the input to global networks.
Global networks have high fanout and low skew. The naming convention for Global I/Os is as follows:
G = Global
m = Global pin location associated with each CCC on the device:
– A (northwest corner)
– B (northeast corner)
– C (east middle)
– D (southeast corner)
– E (southwest corner)
– F (west middle)
n = Global input MUX and pin number of the associated Global location m—A0, A1, A2, B0, B1, B2,
C0, C1, or C2.
Global (GL) I/Os have access to certain clock conditioning circuitry (and the PLL) and/or have direct
access to the global network (spines). Additionally, the global I/Os can be used as regular I/Os, since
they have identical capabilities.
Unused GL pins are configured as inputs with pull-up resistors. See more detailed descriptions of global
I/O connectivity in the clocking resources chapter of the SmartFusion FPGA Fabric User’s Guide and the
clock conditioning circuitry chapter of the SmartFusion Microcontroller Subsystem User’s Guide.
All inputs other than GC/GF are direct inputs into the quadrant clocks. The inputs to the global network
are multiplexed, and only one input can be used as a global input. For example, if GAA0 is used as a
quadrant global input, GAA1 and GAA2 are no longer available for input to the quadrant globals. All
inputs other than GC/GF are direct inputs into the chip-level globals, and the rest are connected to the
quadrant globals. For more details, refer to the Global Input Selections section of the SmartFusion Fabric
User Guide.
User Pins
Name
Type
Polarity/B
us Size
Description
GPIO_x
In/out
32
Microcontroller Subsystem (MSS) General Purpose I/O (GPIO). The MSS GPIO pin
functions as an input, output, tristate, or bidirectional buffer with configurable interrupt
generation and Schmitt trigger support. Input and output signal levels are compatible
with the I/O standard selected.
Unused GPIO pins are tristated and do not include pull-up or pull-down resistors.
During power-up, the used GPIO pins are tristated with no pull-up or pull-down
resistors until Sys boot configures them.
Some of these pins are also multiplexed with integrated peripherals in the MSS (SPI,
I2C, and UART). These pins are located in Bank-2 (GPIO_16 to GPIO_31) for A2F060,
A2F200, and A2F500 devices.
GPIOs can be routed to dedicated I/O buffers (MSSIOBUF) or in some cases to the
FPGA fabric interface through an IOMUX. This allows GPIO pins to be multiplexed as
either I/Os for the FPGA fabric, the ARM® Cortex-M3 or for given integrated MSS
peripherals. The MSS peripherals are not multiplexed with each other; they are
multiplexed only with the GPIO block. For more information, see the General Purpose
I/O Block (GPIO) section in the SmartFusion Microcontroller Subsystem User’s Guide.
IO
In/out
FPGA user I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com