Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ML7344J Datasheet(PDF) 118 Page - List of Unclassifed Manufacturers

No. de pieza ML7344J
Descripción Electrónicos  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 118 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 114Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 115Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 116Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 117Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 118Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 119Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 120Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 121Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 122Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
118/151
(4) ACK transmission
ACK TX flow is as follows. During RX, ACK frame can be set in the TX FIFO.
Yes
Yes
No
Write TX data *4
[WR_TX_FIFO:B0 0x7C]
Yes
No
No
From RX flow
No
Yes
CRC error (INT[9])?
[INT_SOURCE_GRP2] B0 0x0E(1)]
TX_ON issue *6
[RF_STATUS: B0 0x0B]
TRX_OFF issue
[RF_STATUS: B0 0x0B]
Read all RX data
[RD_FIFO:B0 0x7F]
Clear TX FIFO pointer
[STATE_CLR: B0 0x16(0)]
*4 ACK frame is set to TX FIFO.
Yes
No
Clear RX FIFO pointer
[STATE_CLR: B0 0x16(1)]
*6 Please refer to RF state
transition wait flow.
START
Read RX data *3
[RD_FIFO:B0 0x7F]
Yes
RX FIFO trigger setting *1
[RXFIFO_THRH: B0 0x19]
[RXFIFO_THRL: B0 0x1A]
RX_ON issue*2
[RF_STATUS: B0 0x0B]
No
* In case of using interrupt,
FIFO-Full interrupt notification should be ON.
*3 read address field to
check length and
packet destination.
*2 Please refer to RF state transition wait
flow.
FIFO-Full interrupt?
INT[5] [INT_SOURCE_GRP1: B0 0x0D]
Self addressed?
RX completion (INT[8])? *5
[INT_SOURCE_GRP2: B0 0x0E(0)]
TX completion (INT[16])?
[INT_SOURCE_GRP3] B0 0x0F(0)]
INT[8] and [9] clear
[INT_SOURCE_GRP2: B0 0x0E]
Read RX data?
END
*5 Please refer the following
“NOTE”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More