Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NTP35N15G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza NTP35N15G
Descripción Electrónicos  Power MOSFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP35N15G Datasheet(HTML) 3 Page - ON Semiconductor

  NTP35N15G Datasheet HTML 1Page - ON Semiconductor NTP35N15G Datasheet HTML 2Page - ON Semiconductor NTP35N15G Datasheet HTML 3Page - ON Semiconductor NTP35N15G Datasheet HTML 4Page - ON Semiconductor NTP35N15G Datasheet HTML 5Page - ON Semiconductor NTP35N15G Datasheet HTML 6Page - ON Semiconductor NTP35N15G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTP35N15
http://onsemi.com
3
VGS = 10 V
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
70
60
50
40
30
20
10
10
7
6
5
4
3
2
1
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
7
6
5
4
3
2
70
60
50
40
30
20
10
0
0
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
0.1
0.08
0.06
0.02
50
40
30
20
10
0
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (AMPS)
40
30
20
10
0
0.05
0.45
0.40
0.35
0.03
0
0.055
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
2.5
2.25
2.0
1.75
1.5
1.25
1.0
0.75
0.5
150
125
100
75
50
25
0
−25
−50
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
50
40
30
1000
100
10
0.25
0
10,000
Figure 6. Drain−to−Source Leakage Current
versus Voltage
70
60
0.04
70
50
70
60
150
80
89
60
100
90
110 120 130 140
VGS = 4 V
VGS = 4.5 V
VGS = 5 V
VGS = 5.5 V
VGS = 7 V
VGS = 6 V
VGS = 9 V
TJ = 25°C
VGS = 8 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VDS = 10 V
TJ = 25°C
VGS = 10 V
VGS = 15 V
ID = 18.5 A
VGS = 10 V
TJ = 150°C
VGS = 0 V
TJ = 100°C


Número de pieza similar - NTP35N15G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP35N15 ONSEMI-NTP35N15 Datasheet
73Kb / 8P
Power MOSFET 37 Amps, 150 Volts
December, 2003 ??Rev. 2
More results

Descripción similar - NTP35N15G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
Power MOSFET
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
POWER MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com