Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS1893 Datasheet(PDF) 149 Page - Integrated Circuit Systems

No. de pieza ICS1893
Descripción Electrónicos  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICST [Integrated Circuit Systems]
Página de inicio  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 149 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 144Page - Integrated Circuit Systems ICS1893 Datasheet HTML 145Page - Integrated Circuit Systems ICS1893 Datasheet HTML 146Page - Integrated Circuit Systems ICS1893 Datasheet HTML 147Page - Integrated Circuit Systems ICS1893 Datasheet HTML 148Page - Integrated Circuit Systems ICS1893 Datasheet HTML 149Page - Integrated Circuit Systems ICS1893 Datasheet HTML 150Page - Integrated Circuit Systems ICS1893 Datasheet HTML 151Page - Integrated Circuit Systems ICS1893 Datasheet HTML 152Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 149 / 152 page
background image
Chapter 11
Physical Dimensions of ICS1893
ICS1893 Rev C 6/6/00
June, 2000
149
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 11
Physical Dimensions of ICS1893 Package
This section gives the physical dimensions for the ICS1893 package.
• The lead count (N) is 64 leads.
• The nominal footprint (that is the body) is 10.0 mm.
Table 11-1 lists the ICS1893 physical dimensions, which are shown in Figure 11-1.
Table 11-1.
ICS1893 Physical Dimensions
Sym-
bol
Description
Nominal
(mm)
Minimum
Maximum
Tolerance
(mm)
A
Full Package Height
–
–
1.20
–
A1
Package Standoff
0.10
0.05
0.15
±0.05
A2
Package Thickness
1.00
0.95
1.05
±0.05
b
Lead Width with Plate
0.22
0.17
0.27
±0.05
c
Lead Height with Plate
0.15
0.09
0.20
+0.05 / -0.06
D
Tip-to-Tip Width
12.00
–
–
–
D1
Body Width
10.00
–
–
–
E
Tip-to-Tip Width
12.00
–
–
–
E1
Body Width
10.00
–
–
–
e
Lead Pitch
0.50
–
–
–
L
Foot Length
0.60
0.45
0.75
+0.15 / -0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com