Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74HC_HCT85_CNV Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74HC_HCT85_CNV
Descripción Electrónicos  4-bit magnitude comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT85_CNV Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC_HCT85_CNV_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT85_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT85_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT85_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT85_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT85_CNV_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT85_CNV_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT85_CNV_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT85_CNV_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
December 1990
3
Philips Semiconductors
Product specification
4-bit magnitude comparator
74HC/HCT85
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
2IA<B
A
< B expansion input
3IA=B
A = B expansion input
4IA>B
A
> B expansion input
5QA>B
A
> B output
6QA=B
A = B output
7QA<B
A
< B output
8
GND
ground (0 V)
9, 11, 14, 1,
B0 to B3
word B inputs
10, 12, 13, 15
A0 to A3
word A inputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Número de pieza similar - 74HC_HCT85_CNV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYC Electronica
74HC-HCT85 SYC-74HC-HCT85 Datasheet
97Kb / 9P
4-bit magnitude comparator
December 1990
More results

Descripción similar - 74HC_HCT85_CNV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com