| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
16F876 Datasheet(PDF) 199 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F876 Datasheet(HTML) 199 Page - Microchip Technology |
|
199 / 218 page ![]() 2001 Microchip Technology Inc. DS30292C-page 197 PIC16F87X APPENDIX A: REVISION HISTORY APPENDIX B: DEVICE DIFFERENCES The differences between the devices in this data sheet are listed in Table B-1. Version Date Revision Description A 1998 This is a new data sheet. However, these devices are similar to the PIC16C7X devices found in the PIC16C7X Data Sheet (DS30390). Data Memory Map for PIC16F873/874, moved ADFM bit from ADCON1<5> to ADCON1<7>. B 1999 FLASH EEPROM access information. C 2000 DC characteristics updated. DC performance graphs added. TABLE B-1: DEVICE DIFFERENCES Difference PIC16F876/873 PIC16F877/874 A/D 5 channels, 10-bits 8 channels, 10-bits Parallel Slave Port no yes Packages 28-pin PDIP, 28-pin windowed CERDIP, 28-pin SOIC 40-pin PDIP, 44-pin TQFP, 44-pin MQFP, 44-pin PLCC |