| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
16F877 Datasheet(PDF) 144 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F877 Datasheet(HTML) 144 Page - Microchip Technology |
|
144 / 218 page ![]() PIC16F87X DS30292C-page 142 2001 Microchip Technology Inc. SWAPF Swap Nibbles in f Syntax: [ label ] SWAPF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f<3:0>) → (destination<7:4>), (f<7:4>) → (destination<3:0>) Status Affected: None Description: The upper and lower nibbles of register ’f’ are exchanged. If ’d’ is 0, the result is placed in the W register. If ’d’ is 1, the result is placed in register ’f’. XORLW Exclusive OR Literal with W Syntax: [label] XORLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .XOR. k → (W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight-bit lit- eral 'k'. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [label] XORWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .XOR. (f) → (destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register 'f'. If 'd' is 0, the result is stored in the W register. If 'd' is 1, the result is stored back in register 'f'. |