| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5530 Datasheet(PDF) 224 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5530 Datasheet(HTML) 224 Page - National Semiconductor (TI) |
|
224 / 241 page ![]() www.national.com 224 Revision 4.1 5.0 Electrical Specifications This section provides information on testing modes, elec- trical connections, absolute maximum ratings, recom- mended operating conditions, and DC/AC characteristics for the Geode CS5530. All voltage values in Electrical Specifications are with respect to VSS unless otherwise noted. For detailed information on the PCI bus electrical specifi- cation refer to Chapter 4 of the PCI Bus Specification, Revision 2.1. 5.1 TEST MODES The CS5530 can be forced into different test modes. Table 5-1 summarizes the test mode selection process. Table 5-1. Test Mode Selection Mode Signal Name POR# TEST IRQ3 IRQ4 IRQ5 IRQ6 IRQ7 Test mode: X_CLK is a direct clock, stays until POR# event 0 1001 00 Test USB pads x 1010 00 NAND tree test, IDDQ test, tristate control: PLL, USB pads, and DAC are all in power-down mode (see Section 5.1.1 “Nand Tree Mode” on page 225) x 1 xxx x 1 PLL test x 1100 00 X-Bus test: Allows internal X-Bus to be driven externally 0 1101 0 x BIST for palette and video RAMs x 1110 00 DAC test x 1111 00 IRQ6 = 1 as well; USB test x 1000 10 SCAN_MODE = 1, SCAN_ENABLE = 0, TEST_CLOCK = PAD_DCC_SDA x 1100 10 SCAN_MODE = 1, SCAN_ENABLE = 1, TEST_CLOCK = PAD_DCC_SDA, X-BUS_DISABLE = 1 x 1101 10 Note: x = Don’t Care |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |