Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ELH129M010AQ1 Datasheet(PDF) 14 Page - Kemet Corporation

No. de pieza ELH129M010AQ1
Descripción Electrónicos  Snap-In Aluminum Electrolytic Capacitors ELH Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH129M010AQ1 Datasheet(HTML) 14 Page - Kemet Corporation

Back Button ELH129M010AQ1 Datasheet HTML 10Page - Kemet Corporation ELH129M010AQ1 Datasheet HTML 11Page - Kemet Corporation ELH129M010AQ1 Datasheet HTML 12Page - Kemet Corporation ELH129M010AQ1 Datasheet HTML 13Page - Kemet Corporation ELH129M010AQ1 Datasheet HTML 14Page - Kemet Corporation ELH129M010AQ1 Datasheet HTML 15Page - Kemet Corporation ELH129M010AQ1 Datasheet HTML 16Page - Kemet Corporation ELH129M010AQ1 Datasheet HTML 17Page - Kemet Corporation ELH129M010AQ1 Datasheet HTML 18Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)*
RC
120 Hz 85°C
(A)
LC 20°C
5 Minutes
(mA)
Part Number
450
500
390
30 x 45
20
2.00
3.0
ELH397M450AS5(1)
450
500
390
35 x 45
20
2.25
3.0
ELH397M450AT5(1)
450
500
470
30 x 50
20
2.30
3.0
ELH477M450AS6(1)
450
500
470
35 x 50
20
2.50
3.0
ELH477M450AT6(1)
450
500
560
35 x 50
20
2.70
3.0
ELH567M450AT6(1)
450
500
680
35 x 60
20
2.90
3.0
ELH687M450AT8(1)
500
550
47
25 x 20
20
0.50
0.5
ELH476M500AR7(1)
500
550
100
22 x 40
20
1.00
1.0
ELH107M500AQ4(1)
500
550
100
30 x 25
20
0.90
1.0
ELH107M500AS1(1)
500
550
120
30 x 30
20
1.00
1.2
ELH127M500AS2(1)
500
550
120
35 x 25
20
1.00
1.2
ELH127M500AT1(1)
500
550
150
22 x 50
20
1.40
1.5
ELH157M500AQ6(1)
500
550
150
30 x 35
20
1.20
1.5
ELH157M500AT3(1)
500
550
180
30 x 40
20
1.40
1.8
ELH187M500AS4(1)
500
550
180
35 x 30
20
1.30
1.8
ELH187M500AT2(1)
500
550
220
30 x 45
20
1.60
2.2
ELH227M500AS5(1)
500
550
220
35 x 35
20
1.50
2.2
ELH227M500AT3(1)
500
550
270
30 x 50
20
1.80
2.7
ELH277M500AS6(1)
500
550
270
35 x 40
20
1.70
2.7
ELH277M500AT4(1)
500
550
330
35 x 45
20
2.00
3.0
ELH337M500AT5(1)
500
550
390
35 x 50
20
2.30
3.0
ELH397M500AT6(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.


Número de pieza similar - ELH129M010AQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
ELH107M400AQ2AA KEMET-ELH107M400AQ2AA Datasheet
57Kb / 1P
ELH, Aluminum Electrolytic, 85C, 100 uF, 20%, 400 V, -25/85C
ELH107M450AR2AA KEMET-ELH107M450AR2AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 85C, ELH, 100 uF, 20%, 450 V, -25/85C
ELH109M016AQ2AA KEMET-ELH109M016AQ2AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 85C, ELH, 0.01 F, 20%, 16 V, -40/85C
ELH109M035AR4AA KEMET-ELH109M035AR4AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 85C, ELH, 0.01 F, 20%, 35 V, -40/85C
ELH109M050AS5AA KEMET-ELH109M050AS5AA Datasheet
56Kb / 1P
ELH, Aluminum Electrolytic, 85C, 0.01 F, 20%, 50 V, -40/85C
More results

Descripción similar - ELH129M010AQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com