Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN332GDCNR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCAN332GDCNR
Descripción Electrónicos  3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN332GDCNR Datasheet(HTML) 5 Page - Texas Instruments

  TCAN332GDCNR Datasheet HTML 1Page - Texas Instruments TCAN332GDCNR Datasheet HTML 2Page - Texas Instruments TCAN332GDCNR Datasheet HTML 3Page - Texas Instruments TCAN332GDCNR Datasheet HTML 4Page - Texas Instruments TCAN332GDCNR Datasheet HTML 5Page - Texas Instruments TCAN332GDCNR Datasheet HTML 6Page - Texas Instruments TCAN332GDCNR Datasheet HTML 7Page - Texas Instruments TCAN332GDCNR Datasheet HTML 8Page - Texas Instruments TCAN332GDCNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
www.ti.com
SLLSEQ7D – DECEMBER 2015 – REVISED APRIL 2016
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply Voltage range, VCC
–0.3
5
V
Voltage at any bus terminal (CANH or CANL), V(BUS)
–14
14
V
Logic input terminal voltage range V(Logic_Input)
–0.3
5
V
Logic output terminal voltage range, V(Logic_Output)
–0.3
5
V
Logic output current, IO(LOGIC)
8
mA
Operating junction temperature range, TJ
–40
150
°C
Storage temperature, Tstg
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. .
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
All pins except CANH and
CANL
±4000
V
Pins CANH and CANL
±25000
Charged-device model (CDM), per JEDEC
specification JESD22-C101(2)
All pins
±1500
IEC 61400-4-2 Contact Discharge
CANH and CANL terminals to
GND
±12000
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.6
V
IOH(LOGIC)
Logic terminal HIGH level output current
–2
mA
IOL(LOGIC)
Logic terminal LOW level output current
2
TA
Operational free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.4 Thermal Information
THERMAL METRIC(1)
TCAN33x
TCAN33x
UNIT
D (SOIC)
DCN (SOT-23)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
114.4
154.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58.7
76.6
°C/W
RθJB
Junction-to-board thermal resistance
55.2
49.2
°C/W
ψJT
Junction-to-top characterization parameter
11.7
11.9
°C/W
ψJB
Junction-to-board characterization parameter
54.6
49.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
PD
Average power dissipation
VCC = 3.3 V, TJ = 27°C, RL = 60 Ω, SHDN, S and
STB at 0 V, Input to TXD at 500 kHz, 50% duty cycle
square wave, CL(RXD) = 15 pF
65
65
mW
TSD
Thermal shutdown temperature
175
175
°C
THYS
Thermal shutdown hysteresis
5
5
°C


Número de pieza similar - TCAN332GDCNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN332GDCNR TI1-TCAN332GDCNR Datasheet
1Mb / 39P
CAN Transceivers
More results

Descripción similar - TCAN332GDCNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
3.3-V CAN TRANSCEIVERS
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com