Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN332GDCNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCAN332GDCNR
Descripción Electrónicos  3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN332GDCNR Datasheet(HTML) 1 Page - Texas Instruments

  TCAN332GDCNR Datasheet HTML 1Page - Texas Instruments TCAN332GDCNR Datasheet HTML 2Page - Texas Instruments TCAN332GDCNR Datasheet HTML 3Page - Texas Instruments TCAN332GDCNR Datasheet HTML 4Page - Texas Instruments TCAN332GDCNR Datasheet HTML 5Page - Texas Instruments TCAN332GDCNR Datasheet HTML 6Page - Texas Instruments TCAN332GDCNR Datasheet HTML 7Page - Texas Instruments TCAN332GDCNR Datasheet HTML 8Page - Texas Instruments TCAN332GDCNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
GND
CANL
RXD
TXD
CANH
Sleep Receiver
Normal Receiver
MUX
Note A
1
8
4
2
6
7
3
5
Note C
Note C
VCC
VCC
VCC
VCC
SHDN/NC/FAULT
FAULT LOGIC
Note B
WAKE
DETECT
DOMINANT
TIME OUT
CONTROL
AND
MODE
LOGIC
UNDER
VOLTAGE
DOMINANT
TIME OUT
A: Sleep Receiver and Wake Detect are device dependent options and are only available in TCAN334.
B: Fault Logic are only available in TCAN337.
C: Pin 5 and 8 functions are device dependent. Refer to Device Comparison Table.
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7D – DECEMBER 2015 – REVISED APRIL 2016
TCAN33x 3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
1
1 Features
1
3.3-V Single Supply Operation
Data Rates up to 5 Mbps (TCAN33xG Devices)
Compatible With ISO 11898-2
SOIC-8 and SOT-23 Package Options
Operating Modes:
Normal Mode (All Devices)
Low Power Standby Mode With Wake
(TCAN334)
Silent Mode (TCAN330, TCAN337)
Shutdown Mode (TCAN330, TCAN334)
Wide Common Mode Range of Operation ±12 V
Bus Pin Fault Protection of ±14 V
Total Loop Delay < 135 ns
Wide Ambient Operation Temperature Range:
–40°C to 125°C
Optimized Behavior When Unpowered:
Bus and Logic Pins are High Impedance (No
Load to Operating Bus or Application)
Power Up / Down Glitch Free Operation
Excellent EMC Performance
Protection Features:
ESD Protection of Bus Terminals
HBM ESD Protection Exceeds ±25 kV
IEC61000-4-2 ESD Contact Discharge
Protection Exceeds ±12 kV
Driver Dominant Time Out (TXD DTO)
Receiver Dominant Time Out (RXD DTO)
Fault Output Pin (TCAN337 only)
Undervoltage Protection on VCC
Thermal Shutdown Protection
Current Limiting on Bus Pins
2 Applications
5-Mbps Operation in CAN with Flexible Data Rate
Networks (TCAN33xG Devices)
1-Mbps Operation in Highly Loaded CAN
Networks
Industrial Automation, Control, Sensors and Drive
Systems
Building, Security and Climate Control Automation
Telecom Base Station Status and Control
CAN Bus Standards Such as CANopen,
DeviceNet, NMEA2000, ARINC825, ISO11783,
CANaerospace
3 Description
The TCAN33x family of devices is compatible with
the ISO 11898 High Speed CAN (Controller Area
Network)
Physical
Layer
standard.
TCAN330,
TCAN332, TCAN334 and TCAN337 are specified for
data rates up to 1 Mbps. Pending the release of the
updated version of ISO 11898-2 including CAN FD,
additional timing parameters defining loop delay
symmetry
are
specified
for
the
TCAN330G,
TCAN332G, TCAN334G and TCAN337G devices.
The
devices
include
many
protection
features
including driver and receiver Dominant Time Out
(DTO) providing CAN network robustness. Integrated
12
kV
IEC-61000-4-2
ESD
Contact
Discharge
protection
eliminates
the
need
of
additional
components for system level robustness.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TCAN330/G
TCAN332/G
TCAN334/G
TCAN337/G
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (8)
2.90 mm x 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Número de pieza similar - TCAN332GDCNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN332GDCNR TI1-TCAN332GDCNR Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
More results

Descripción similar - TCAN332GDCNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com