Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM8AL3LE8x Datasheet(PDF) 122 Page - STMicroelectronics

No. de pieza STM8AL3LE8x
Descripción Electrónicos  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE8x Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM8AL3LE8x Datasheet HTML 118Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 119Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 120Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 121Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 122Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 123Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 124Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 125Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 133 page
background image
Package information
STM8AL31E8x STM8AL3LE8x
122/133
DocID027180 Rev 5
Figure 47. LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat package
recommended footprint
1. Dimensions are expressed in millimeters.
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More