Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BC857C Datasheet(PDF) 6 Page - Yea Shin Technology Co., Ltd

No. de pieza BC857C
Descripción Electrónicos  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC857C Datasheet(HTML) 6 Page - Yea Shin Technology Co., Ltd

  BC857C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 7Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
http://www.yeashin.com
6
REV.02 20130403
BC85x Series
t, TIME (ms)
Figure 13. Thermal Response
V
CE , COLLECTOR–EMITTER VOLTAGE (V)
Figure 14. Active Region Safe Operating Area
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
The safe operating area curves indicate I
C –V CE limits of the
transistor that must be observed for reliable operation. Collector
load lines for specific circuits must fall below the limits indicated by
the applicable curve.
The data of Figure 14 is based upon T
J(pk) = 150°C; T C or T A
is variable depending upon conditions. Pulse curves are valid for
duty cycles to 10% provided T
J(pk) < 150°C. T J(pk) may be calcu-
lated from the data in Figure 13. At high case or ambient
temperatures, thermal limitations will reduce the power that can
be handled to values less than the limitations imposed by the sec-
ondary breakdown.
BC558
BC557
BC556
Z
θJC (t) = r(t) R θJC
R
θJC = 83.3°C/W MAX
Z
θJA (t) = r(t) R θJA
R
θJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1
T
J(pk) – T C = P (pk) R
θJC (t)
DUTY CYCLE, D = t
1 /t 2
t
1
t
2
P
(pk)
SINGLE PULSE
SINGLE PULSE
T
A= 25°C
T
J= 25°C
3 ms
1s
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
D=0.5
0.2
0.1
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
–1.0
–0.5
–10
–30 –45 –65 –100
–200
–100
–50
–10
–5.0
–2.0
DEVICE CHARACTERISTICS


Número de pieza similar - BC857C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GUANGDONG HOTTECH INDUS...
BC857C HOTTECH-BC857C Datasheet
498Kb / 3P
Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC857C PHILIPS-BC857C Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BC857C INFINEON-BC857C Datasheet
9Mb / 27P
EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
Diodes Incorporated
BC857C DIODES-BC857C Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
logo
Infineon Technologies A...
BC857C INFINEON-BC857C Datasheet
887Kb / 14P
PNP Silicon AF Transistor
2008-04-29
More results

Descripción similar - BC857C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com