Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BC857C Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

No. de pieza BC857C
Descripción Electrónicos  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC857C Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BC857C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BC857C Datasheet HTML 7Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20130403
BC85x Series
General Purpose Transistors
SOT–23
2
EMITTER
3
COLLECT OR
1
BASE
3
xx
MARKING DIAGRAM
xx= Device Marking
(See Table Below)
PNP Silicon
Moisture Sensitivity Level: 1
ESD Rating – Human Body Model: >4000 V
ESD Rating – Machine Model: >400 V
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC856
BC857
BC858, BC859
VCEO
–65
–45
–30
V
Collector-Base Voltage
BC856
BC857
BC858, BC859
VCBO
–80
–50
–30
V
Emitter–Base Voltage
VEBO
–5.0
V
Collector Current – Continuous
IC
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,
(Note 1.) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2.) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ,Tstg
–55 to
+150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
RoHS requirements.
We declare that the material of product compliance with
1
2
H


Número de pieza similar - BC857C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC857C PHILIPS-BC857C Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Transys Electronics
BC857C TRSYS-BC857C Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC857C SIEMENS-BC857C Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC857C FAIRCHILD-BC857C Datasheet
68Kb / 5P
Switching and Amplifier Applications
BC857C FAIRCHILD-BC857C Datasheet
40Kb / 5P
PNP General Purpose Amplifier
More results

Descripción similar - BC857C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
General Purpose Transistors
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
General Purpose Transistors
August, 2014 ??Rev. 10
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com