Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC4580 Datasheet(PDF) 1 Page - Unisonic Technologies

No. de pieza MC4580
Descripción Electrónicos  LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4580 Datasheet(HTML) 1 Page - Unisonic Technologies

  MC4580 Datasheet HTML 1Page - Unisonic Technologies MC4580 Datasheet HTML 2Page - Unisonic Technologies MC4580 Datasheet HTML 3Page - Unisonic Technologies MC4580 Datasheet HTML 4Page - Unisonic Technologies MC4580 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTCMC4580
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-013,B
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC MC4580 is the dual operational amplifier,
specially designed for improving the tone control,
which is most suitable for the audio application.
Featuring noiseless, higher gain bandwidth, high
output current and low distortion ratio, and it is most
suitable not only for acoustic electronic parts of audio
pre-amp and active filter, but also for the industrial
measurement tools. It is also suitable for the head
phone amp at higher output current, and further more,
it can be applied for the handy type set operational
amplifier of general purpose in application of low
voltage single supply type which is properly biased of
the input low voltage source.
FEATURES
*Operating Voltage
(±2V to±18V)
*Low Input Noise Voltage
(0.8μVrms typ.)
*Wide Gain Bandwidth Product
(15MHz typ.)
*Low Distortion
(0.0005% typ.)
*Slew Rate
(5V/
µs typ.)
*Bipolar Technology
DIP-8
SOP-8
TSSOP-8
PIN CONFIGURATION
1
2
3
4
8
7
6
5
OUT2
IN2(-)
IN1(+)
Vcc-
Vcc+
OUT1
IN1(-)
IN2(+)


Número de pieza similar - MC4580

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
MC4580 UTC-MC4580 Datasheet
315Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
MC4580-D08-T UTC-MC4580-D08-T Datasheet
315Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
MC4580-P08-R UTC-MC4580-P08-R Datasheet
315Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
MC4580-S08-R UTC-MC4580-S08-R Datasheet
315Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
MC4580-SM1-R UTC-MC4580-SM1-R Datasheet
315Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
More results

Descripción similar - MC4580

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com