Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UZ1086 Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza UZ1086
Descripción Electrónicos  LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1086 Datasheet(HTML) 2 Page - Unisonic Technologies

  UZ1086 Datasheet HTML 1Page - Unisonic Technologies UZ1086 Datasheet HTML 2Page - Unisonic Technologies UZ1086 Datasheet HTML 3Page - Unisonic Technologies UZ1086 Datasheet HTML 4Page - Unisonic Technologies UZ1086 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC UZ1086
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R102-008,D
TYPICAL APPLICATIONS
R1
124
+
10
µF
+
22
µF
R2
24.9
1.5V at 1.5A
VIN=3.3V
VIN
VOUT
ADJ
VOUT=VREF(1+R2/R1)+IAdj*R2
+
10
µF
+
22
µF
2.85V at 1.5A
VIN=5V
VIN
VOUT
GND
UZ1086-2.85
UZ1086
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
MIN
MAX
UNIT
VIN
7.5
V
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering,10 sec)
300
°C
ELECTRICAL CHARACTERISTICS (VIN≤7V, TJ=25°C, unless otherwise specified.
The*denotes specifications which apply over the specified operating temperature range.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
(note 3)
VREF
*
1.5V≤(VIN – VOUT ) ≤5.75V
10mA≤IOUT≤1A
1.225
1.25
1.275
V
Output Voltage
*
*
*
*
10mA≤IOUT≤1A
UZ1086-1.8V 3.3V≤VIN≤7V
UZ1086-2.5 4V≤VIN ≤7V
UZ1086-2.85 4.35V≤VIN ≤7V
UZ1086-3.3 4.8V≤VIN ≤7V
UZ1086-5.0 6.5V≤VIN ≤7V
1.764
2.450
2.793
3.234
4.900
1.80
2.50
2.85
3.30
5.00
1.836
2.550
2.907
3.366
5.100
V
V
V
V
Line Regulation (note1,2)
*
(VOUT+1.5V)≤VIN ≤7V, IOUT=10mA
0.005
0.2
%
Load Regulation
(note1,2)
*
VIN – VOUT =2V, 10mA≤IOUT≤1A
0.05
0.5
%
Dropout Voltage
*
∆VREF =1%,IOUT=1.5A
1.3
1.5
V
Current Limit
*
VIN – VOUT =2V
1.6
2
A
Adjust Pin Current
(note 3)
IAdj
*
35
120
µA
Adjust Pin Current
Change (note3)
*
1.5V≤(VIN – VOUT ) ≤5.75V,
10mA≤IOUT≤1A
0.2
5
µA
Minimum Load Current
*
1.5V≤(VIN – VOUT ) ≤5.75V
10
mA
Quiescent Current
*
VIN =VOUT+1.25V
4
13
mA


Número de pieza similar - UZ1086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086-XX-AA3-R UTC-UZ1086-XX-AA3-R Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086-XX-TA3-T UTC-UZ1086-XX-TA3-T Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Descripción similar - UZ1086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com