| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530ECBBALPD Datasheet(PDF) 113 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBALPD Datasheet(HTML) 113 Page - Texas Instruments |
|
113 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-24. General-Purpose IOs Signals Description(1) (continued) SIGNAL NAME DESCRIPTION TYPE(2) BALL BOTTOM BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) gpio_151 General-purpose IO 151 IO Y8 H3 V7 gpio_152 General-purpose IO 152 IO AE1 V3 NA gpio_153 General-purpose IO 153 IO AD1 U4 NA gpio_154 General-purpose IO 154 IO AD2 R3 NA gpio_155 General-purpose IO 155 IO AC1 T3 NA gpio_156 General-purpose IO 156 IO Y21 U19 W19 gpio_157 General-purpose IO 157 IO AA21 V17 AB20 gpio_158 General-purpose IO 158 IO V21 U17 W18 gpio_159 General-purpose IO 159 IO U21 T20 Y18 gpio_160 General-purpose IO 160 IO T21 T19 AA18 gpio_161 General-purpose IO 161 IO K26 P20 AA19 gpio_162 General-purpose IO 162 IO W21 T17 V18 gpio_163 General-purpose IO 163 IO H18 F23 A23 gpio_164 General-purpose IO 164 IO H19 F24 B23 gpio_165 General-purpose IO 165 IO H20 H24 B24 gpio_166 General-purpose IO 166 IO H21 G24 C23 gpio_167 General-purpose IO 167 IO B23 A23 F18 gpio_168 General-purpose IO 168 IO AF15 C2 AC15 gpio_169 General-purpose IO 169 IO U26 W20 U23 gpio_170 General-purpose IO 170 IO J25 J23 A24 gpio_171 General-purpose IO 171 IO AB3 P9 T5 gpio_172 General-purpose IO 172 IO AB4 P8 R4 gpio_173 General-purpose IO 173 IO AA4 P7 T4 gpio_174 General-purpose IO 174 IO AC2 R7 T6 gpio_175 General-purpose IO 175 IO AC3 R8 NA gpio_176 General-purpose IO 176 IO AB1 R9 NA gpio_177 General-purpose IO 177 IO AB2 T8 R5 gpio_178 General-purpose IO 178 IO AA3 W7 N5 gpio_179 General-purpose IO 179 IO Y2 W8 N4 gpio_180 General-purpose IO 180 IO Y3 U8 N3 gpio_181 General-purpose IO 181 IO Y4 V8 M5 gpio_182 General-purpose IO 182 IO V3 V9 M4 gpio_183 General-purpose IO 183 IO AE15 C1 AC14 gpio_184 General-purpose IO 184 IO AF14 AB4 AC13 gpio_185 General-purpose IO 185 IO AG14 AC4 AC12 gpio_186 General-purpose IO 186 IO AE22 W11 AA6 gpio_188 General-purpose IO 188 IO U25 W17 W24 gpio_189 General-purpose IO 189 IO V28 Y18 V23 gpio_190 General-purpose IO 190 IO V27 Y19 W23 gpio_191 General-purpose IO 191 IO V26 Y17 T22 Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 113 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |