Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 184 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 184 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 180Page - STMicroelectronics STM32L496AE Datasheet HTML 181Page - STMicroelectronics STM32L496AE Datasheet HTML 182Page - STMicroelectronics STM32L496AE Datasheet HTML 183Page - STMicroelectronics STM32L496AE Datasheet HTML 184Page - STMicroelectronics STM32L496AE Datasheet HTML 185Page - STMicroelectronics STM32L496AE Datasheet HTML 186Page - STMicroelectronics STM32L496AE Datasheet HTML 187Page - STMicroelectronics STM32L496AE Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 263 page
background image
Electrical characteristics
STM32L496xx
184/263
DocID029173 Rev 2
THD
Total
harmonic
distortion
ADC clock frequency ≤
26 MHz,
1.65 V ≤ VDDA = VREF+ ≤
3.6 V,
Voltage scaling Range 2
Single
ended
Fast channel (max speed)
-
-71
-69
dB
Slow channel (max speed)
-
-71
-69
Differential
Fast channel (max speed)
-
-73
-72
Slow channel (max speed)
-
-73
-72
1. Guaranteed by design.
2. ADC DC accuracy values are measured after internal calibration.
3. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
4. The I/O analog switch voltage booster is enable when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when
VDDA < 2.4 V). It is disable when VDDA ≥ 2.4 V. No oversampling.
Table 80. ADC accuracy - limited test conditions 4(1)(2)(3) (continued)
Sym-
bol
Parameter
Conditions(4)
Min Typ Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com