Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 218 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 218 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 214Page - STMicroelectronics STM32L496AE Datasheet HTML 215Page - STMicroelectronics STM32L496AE Datasheet HTML 216Page - STMicroelectronics STM32L496AE Datasheet HTML 217Page - STMicroelectronics STM32L496AE Datasheet HTML 218Page - STMicroelectronics STM32L496AE Datasheet HTML 219Page - STMicroelectronics STM32L496AE Datasheet HTML 220Page - STMicroelectronics STM32L496AE Datasheet HTML 221Page - STMicroelectronics STM32L496AE Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 263 page
background image
Electrical characteristics
STM32L496xx
218/263
DocID029173 Rev 2
Table 102. Asynchronous non-multiplexed SRAM/PSRAM/NOR read timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
2THCLK-1
2THCLK+1
ns
tv(NOE_NE)
FMC_NEx low to FMC_NOE low
0
0.5
tw(NOE)
FMC_NOE low time
2THCLK-1
2THCLK+1
th(NE_NOE)
FMC_NOE high to FMC_NE high hold time
0
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0.5
th(A_NOE)
Address hold time after FMC_NOE high
0
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
0.5
th(BL_NOE)
FMC_BL hold time after FMC_NOE high
0
-
tsu(Data_NE)
Data to FMC_NEx high setup time
THCLK-1
-
tsu(Data_NOE)
Data to FMC_NOEx high setup time
THCLK-1
-
th(Data_NOE)
Data hold time after FMC_NOE high
0
-
th(Data_NE)
Data hold time after FMC_NEx high
0
-
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
-
0
tw(NADV)
FMC_NADV low time
-
THCLK+1
Table 103. Asynchronous non-multiplexed SRAM/PSRAM/NOR read-NWAIT
timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
7THCLK-1
7THCLK+1
ns
tw(NOE)
FMC_NWE low time
5THCLK-1
5THCLK+1
tw(NWAIT)
FMC_NWAIT low time
THCLK-0.5
-
tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high
5THCLK+1.5
-
th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid
4THCLK+1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com