Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 227 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 227 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 223Page - STMicroelectronics STM32L496AE Datasheet HTML 224Page - STMicroelectronics STM32L496AE Datasheet HTML 225Page - STMicroelectronics STM32L496AE Datasheet HTML 226Page - STMicroelectronics STM32L496AE Datasheet HTML 227Page - STMicroelectronics STM32L496AE Datasheet HTML 228Page - STMicroelectronics STM32L496AE Datasheet HTML 229Page - STMicroelectronics STM32L496AE Datasheet HTML 230Page - STMicroelectronics STM32L496AE Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 263 page
background image
DocID029173 Rev 2
227/263
STM32L496xx
Electrical characteristics
236
Table 111. Synchronous multiplexed PSRAM write timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
2THCLK- 0.5
-
ns
td(CLKL-NExL)
FMC_CLK low to FMC_NEx low (x=0..2)
-
2
td(CLKH-NExH) FMC_CLK high to FMC_NEx high (x= 0…2)
THCLK+ 0.5
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
1
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
0
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
4.5
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
THCLK
-
td(CLKL-NWEL) FMC_CLK low to FMC_NWE low
-
1.5
td(CLKH-NWEH) FMC_CLK high to FMC_NWE high
THCLK+ 0.5
-
td(CLKL-ADV)
FMC_CLK low to FMC_AD[15:0] valid
-
3
td(CLKL-ADIV)
FMC_CLK low to FMC_AD[15:0] invalid
0
-
td(CLKL-DATA)
FMC_A/D[15:0] valid data after FMC_CLK low
-
3.5
td(CLKL-NBLL)
FMC_CLK low to FMC_NBL low
-
2
td(CLKH-NBLH) FMC_CLK high to FMC_NBL high
THCLK+ 0.5
-
tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
2
-
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
3.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com