Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 252 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 252 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 248Page - STMicroelectronics STM32L496AE Datasheet HTML 249Page - STMicroelectronics STM32L496AE Datasheet HTML 250Page - STMicroelectronics STM32L496AE Datasheet HTML 251Page - STMicroelectronics STM32L496AE Datasheet HTML 252Page - STMicroelectronics STM32L496AE Datasheet HTML 253Page - STMicroelectronics STM32L496AE Datasheet HTML 254Page - STMicroelectronics STM32L496AE Datasheet HTML 255Page - STMicroelectronics STM32L496AE Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 263 page
background image
Package information
STM32L496xx
252/263
DocID029173 Rev 2
Figure 73. WLCSP100L – 100L, 4.166 x 4.628 mm 0.4 mm pitch wafer level chip scale
package recommended footprint
Table 126. WLCSP100L –4.618 x 4.142 mm, 0.4 mm pitch wafer level chip scale
package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.0230
A1
-
0.175
-
-
0.0069
-
A2
-
0.380
-
-
0.0150
-
A3(2)
2. Back side coating.
-
0.025
-
-
0.0010
-
Ø b(3)
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.220
0.250
0.280
0.0087
0.0098
0.0110
D
4.583
4.618
4.653
0.1804
0.1818
0.1832
E
4.107
4.142
4.177
0.1617
0.1631
0.1644
e
-
0.400
-
-
0.0157
-
e1
-
3.600
-
-
0.1417
-
e2
-
3.600
-
-
0.1417
-
F
-
0.509
-
-
0.0200
-
G
-
0.271
-
-
0.0107
-
aaa
-
0.100
-
-
0.0039
-
bbb
-
0.100
-
-
0.0039
-
ccc
-
0.100
-
-
0.0039
-
ddd
-
0.050
-
-
0.0020
-
eee
-
0.050
-
-
0.0020
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com