Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 2 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 2 Page - ELM Electronics

  GD25Q128CXIGX Datasheet HTML 1Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 2Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 3Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 4Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 5Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 6Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 7Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 8Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
2
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
- Content -
Page
1. FEATURES
-------------------------------------------------------------------------------------------------
4
2. GENERAL DESCRIPTION
-----------------------------------------------------------------------------
5
3. MEMORY ORGANIZATION
--------------------------------------------------------------------------
6
4. DEVICE OPERATION
----------------------------------------------------------------------------------
7
5. DATA PROTECTION
------------------------------------------------------------------------------------
9
6. STATUS REGISTER
-------------------------------------------------------------------------------------
11
7. COMMANDS DESCRIPTION
-------------------------------------------------------------------------
13
7.1. Write Enable (WREN) (06H)
-----------------------------------------------------------------------
18
7.2. Write Disable (WRDI) (04H)
-----------------------------------------------------------------------
18
7.3. Write Enable for Volatile Status Register (50H)
--------------------------------------------------
19
7.4. Read Status Register (RDSR) (05H or 35H or 15H)
--------------------------------------------
20
7.5. Write Status Register (WRSR) (01H or 31H or 11H)
-------------------------------------------
21
7.6. Read Data Bytes (READ) (03H)
--------------------------------------------------------------------
22
7.7. Read Data Bytes at Higher Speed (Fast Read) (0BH)
-------------------------------------------
22
7.8. Dual Output Fast Read (3BH)
----------------------------------------------------------------------
23
7.9. Quad Output Fast Read (6BH)
----------------------------------------------------------------------
24
7.10. Dual I/O Fast Read (BBH)
-------------------------------------------------------------------------
24
7.11. Quad I/O Fast Read (EBH)
-------------------------------------------------------------------------
26
7.12. Quad I/O Word Fast Read (E7H)
------------------------------------------------------------------
28
7.13. Set Burst with Wrap (77H)
--------------------------------------------------------------------------
29
7.14. Page Program (PP) (02H)
---------------------------------------------------------------------------
30
7.15. Quad Page Program (32H)
--------------------------------------------------------------------------
31
7.16. Sector Erase (SE) (20H)
-----------------------------------------------------------------------------
33
7.17. 32KB Block Erase (BE) (52H)
---------------------------------------------------------------------
34
7.18. 64KB Block Erase (BE) (D8H)
---------------------------------------------------------------------
35
7.19. Chip Erase (CE) (60/C7H)
--------------------------------------------------------------------------
36
7.20. Deep Power-Down (DP) (B9H)
---------------------------------------------------------------------
37
7.21. Release from Deep Power-Down and Read Device ID (RDI) (ABH)
-------------------------
38
7.22. Read Manufacture ID/Device ID (REMS) (90H)
-------------------------------------------------
40
7.23. Read Manufacture ID/Device ID Dual I/O (92H)
------------------------------------------------
41
7.24. Read Manufacture ID/Device ID Quad I/O (94H)
-----------------------------------------------
42
7.25. Read Identification (RDID) (9FH)
------------------------------------------------------------------
43
7.26. Program/Erase Suspend (PES) (75H)
--------------------------------------------------------------
44


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com