| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD25Q128CXIGX Datasheet(PDF) 21 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
GD25Q128CXIGX Datasheet(HTML) 21 Page - ELM Electronics |
|
21 / 69 page ![]() 21 Rev.1.2 69 - http://www.elm-tech.com GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash 7.5. Write Status Register (WRSR) (01H or 31H or 11H) The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it can be accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable (WREN) command has been decoded and executed, the device sets the Write Enable Latch (WEL). The Write Status Register (WRSR) command has no effect on S20, S19, S17, S16, S15, S10, S1 and S0 of the Status Register. CS# must be driven high after the eighth of the data byte has been latched in. If not, the Write Status Register (WRSR) command is not executed. As soon as CS# is driven high, the self-timed Write Status Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in progress, the Status Register may still be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed. When the cycle is completed, the Write Enable Latch (WEL) is reset. The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (BP4, BP3, BP2, BP1 and BP0) bits, to define the size of the area that is to be treated as read-only. The Write Status Register (WRSR) command also allows the user to set or reset the Status Register Protect (SRP1 and SRP0) bits in accordance with the Write Protect (WP#) signal. The Status Register Protect (SRP1 and SRP0) bits and Write Protect (WP#) signal allow the device to be put in the Hardware Protected Mode. The Write Status Register (WRSR) command is not executed once the Hardware Protected Mode is entered. Figure 7. Write Status Register Sequence Diagram Command 0 1 2 3 4 5 6 7 01H/31H/11H CS# SCLK SI SO High-Z 8 9 10 11 12 13 14 15 MSB 7 6 5 4 3 2 1 0 Status Register in Figure 7a. Write Status Register Sequence Diagram (QPI) CS# SCLK IO0 IO1 IO2 IO3 0 1 2 3 Command 01H/31H/11H 4 0 5 1 7 3 Status Register in 6 2 |
Número de pieza similar - GD25Q128CXIGX |
|
Descripción similar - GD25Q128CXIGX |
|
|
Enlace URL |
| Política de Privacidad |
| ALLDATASHEET.COM.MX |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |