Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 24 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 24 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 20Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 21Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 22Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 23Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 24Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 25Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 26Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 27Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 28Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
24
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.9. Quad Output Fast Read (6BH)
The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each bit
being latched in during the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle
from IO3, IO2, IO1 and IO0. The command sequence is shown in followed Figure11. The first byte addressed
can be at any location. The address is automatically incremented to the next higher address after each byte of
data is shifted out.
Figure 11. Quad Output Fast Read Sequence Diagram
Command
0 1 2 3 4 5 6 7
6BH
CS#
SCLK
SI(IO0)
SO(IO1)
High-Z
8 9 10
28 29 30 31
3 2 1 0
23 22 21
24-bit address
34 35 36 37
33
1 5 1 5 1 5 1
38 39
Byte1
32
42 43 44 45
41
46 47
40
5
Dummy Clocks
0 4 0 4 0 4 0
4
4
5
WP#(IO2)
High-Z
HOLD#(IO3)
High-Z
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
2 6 2 6 2 6 2
6
6
3 7 3 7 3 7 3
7
7
Byte2 Byte3 Byte4
7.10. Dual I/O Fast Read (BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the capability to
input the 3-byte address (A23-0) and a “Continuous Read Mode” byte 2-bit per clock by SI and SO, each bit
being latched in during the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle
from SI and SO. The command sequence is shown in followed Figure12. The first byte addressed can be at any
location. The address is automatically incremented to the next higher address after each byte of data is shifted
out.
Dual I/O Fast Read with “Continuous Read Mode”
The Dual I/O Fast Read command can further reduce command overhead through setting the “Continuous
Read Mode” bits (M7-4) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5-4)
=(1, 0), then the next Dual I/O Fast Read command (after CS# is raised and then lowered) does not require the
BBH command code. The command sequence is shown in followed Figure12a. If the “Continuous Read Mode”
bits (M5-4) do not equal (1, 0), the next command requires the first BBH command code, thus returning to
normal operation. A “Continuous Read Mode” Reset command can be used to reset (M5-4) before issuing
normal command.


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com