| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD25Q128CXIGX Datasheet(PDF) 28 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
GD25Q128CXIGX Datasheet(HTML) 28 Page - ELM Electronics |
|
28 / 69 page ![]() 28 Rev.1.2 69 - http://www.elm-tech.com GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash Figure 14. Quad I/O Word Fast Read Sequence Diagram (M5-4 ≠ (1, 0)) Command 0 1 2 3 4 5 6 7 E7H CS# SCLK SI(IO0) SO(IO1) 8 9 10 11 12 13 14 15 4 0 4 0 4 0 4 0 16 17 18 19 20 21 22 23 4 0 4 0 5 1 5 1 5 1 5 1 5 1 5 1 A23-16 A15-8 A7-0 M7-0 6 2 6 2 6 2 6 2 6 2 6 2 7 3 7 3 7 3 7 3 7 3 7 3 WP#(IO2) HOLD#(IO3) 4 5 6 7 Dummy Byte1 Byte2 4 0 5 1 6 2 7 3 Byte3 Figure 14a. Quad I/O Word Fast Read Sequence Diagram (M5-4 = (1, 0)) 0 1 2 3 4 5 6 7 CS# SCLK 8 9 10 11 12 13 14 15 SI(IO0) SO(IO1) WP#(IO2) HOLD#(IO3) 4 0 4 0 5 1 5 1 6 2 6 2 7 3 7 3 4 0 4 0 5 1 5 1 6 2 6 2 7 3 7 3 4 0 4 0 5 1 5 1 6 2 6 2 7 3 7 3 4 5 6 7 A23-16 A15-8 A7-0 M7-0 Dummy Byte1 Byte2 4 0 5 1 6 2 7 3 Byte3 7.12. Quad I/O Word Fast Read (E7H) The Quad I/O Word Fast Read command is similar to the Quad I/O Fast Read command except that the lowest address bit (A0) must equal 0 and only 2-dummy clock. The command sequence is shown in followed Figure14. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit (QE) of Status Register (S9) must be set to enable for the Quad I/O Word Fast read command. Quad I/O Word Fast Read with “Continuous Read Mode” The Quad I/O Word Fast Read command can further reduce command overhead through setting the “Continuous Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5-4) =(1, 0), then the next Quad I/O Word Fast Read command (after CS# is raised and then lowered) does not require the E7H command code. The command sequence is shown in followed Figure14. If the “Continuous Read Mode” bits (M5-4) do not equal to (1, 0), the next command requires the first E7H command code, thus returning to normal operation. A “Continuous Read Mode” Reset command can be used to reset (M5-4) before issuing normal command. |
Número de pieza similar - GD25Q128CXIGX |
|
Descripción similar - GD25Q128CXIGX |
|
|
Enlace URL |
| Política de Privacidad |
| ALLDATASHEET.COM.MX |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |