Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 3 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 3 Page - ELM Electronics

  GD25Q128CXIGX Datasheet HTML 1Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 2Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 3Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 4Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 5Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 6Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 7Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 8Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
3
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.27. Program/Erase Resume (PER) (7AH)
--------------------------------------------------------------
45
7.28. Erase Security Registers (44H)
----------------------------------------------------------------------
46
7.29. Program Security Registers (42H)
------------------------------------------------------------------
47
7.30. Read Security Registers (48H)
----------------------------------------------------------------------
48
7.31. Individual Block/Sector Lock (36H)/Unlock (39H)/Read (3DH)
------------------------------
49
7.32. Global Block/Sector Lock (7EH) or Unlock (98H)
----------------------------------------------
51
7.33. Set Read Parameters (C0H)
-------------------------------------------------------------------------
53
7.34. Burst Read With Wrap (0CH)
-----------------------------------------------------------------------
54
7.35. Enable QPI (38H)
------------------------------------------------------------------------------------
54
7.36. Disable QPI (FFH)
-----------------------------------------------------------------------------------
55
7.37. Enable Reset (66H) and Reset (99H)
---------------------------------------------------------------
56
7.38. Read Serial Flash Discoverable Parameter (5AH)
------------------------------------------------
57
8. ELECTRICAL CHARACTERISTICS
---------------------------------------------------------------
62
8.1. Power-ON timing
-------------------------------------------------------------------------------------
62
8.2. Initial Delivery State
---------------------------------------------------------------------------------
62
8.3. Data Retention and Endurance
----------------------------------------------------------------------
62
8.4. Absolute Maximum Ratings
------------------------------------------------------------------------
63
8.5. Capacitance Measurement Conditions
------------------------------------------------------------
63
8.6. DC Characteristics
----------------------------------------------------------------------------------
64
8.7. AC Characteristics
----------------------------------------------------------------------------------
64
9. ORDERING INFORMATION
-------------------------------------------------------------------------
67
10. PACKAGE INFORMATION
---------------------------------------------------------------------------
68
10.1. Package SOP8 208MIL
-----------------------------------------------------------------------------
68
10.2. Package WSON8 (6×5MM)
------------------------------------------------------------------------
69


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com