Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 49 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 49 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 45Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 46Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 47Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 48Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 49Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 50Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 51Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 52Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 53Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
49
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.31. Individual Block/Sector Lock (36H)/Unlock (39H)/Read (3DH)
The individual block/sector lock provides an alternative way to protect the memory array from adverse Erase/
Program. In order to use the Individual Block/Sector Locks, the WPS bit in Status Register-3 must be set to 1. If
WPS=0, the write protection will be determined by the combination of CMP, BP (4:0) bits in the Status Register.
The Individual Block/Sector Lock bits are volatile bits. The default values after device power up or after a Reset
are 1, so the entire memory array is being protected.
The individual Block/Sector Lock command (36H) sequence: CS# goes low → SI: Sending individual Block/
Sector Lock command → SI: Sending 24bits individual Block/Sector Lock Address → CS# goes high. The
command sequence is shown in Figure34.
The individual Block/Sector Unlock command (39H) sequence: CS# goes low → SI: Sending individual
Block/Sector Unlock command → SI: Sending 24bits individual Block/Sector Lock Address → CS# goes high.
The command sequence is shown in Figure35.
The Read individual Block/Sector lock command (3DH) sequence: CS# goes low → SI: Sending Read
individual Block/Sector Lock command → SI: Sending 24bits individual Block/Sector Lock Address → SO:
The Block/Sector Lock Bit will out → CS# goes high. If the least significant bit(LSB) is1, the corresponding
block/sector is locked, if the LSB is 0, the corresponding block/sector is unlocked, Erase/Program operation can
be performed. The command sequence is shown in Figure36.
Figure 34. Individual Block/Sector Lock command Sequence Diagram
Command
0 1 2 3 4 5 6 7
36H
CS#
SCLK
SI
8 9
29 30 31
MSB
2 1 0
24 Bits Address
23 22
Figure 34a. Individual Block/Sector Lock command Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
36H
20
12
16
8
A23-16 A12-8
6
7
0
21
13
17
9
1
23
15
19
11
3
22
14
18
10
2
4
5
6
7
A7-0


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com