Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 54 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 54 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 50Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 51Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 52Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 53Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 54Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 55Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 56Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 57Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 58Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
54
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.34. Burst Read with Wrap (0CH)
The “Burst Read with Wrap (0CH)” command provides an alternative way to perform the read operation with
“Wrap Around” in QPI mode. This command is similar to the “Fast Read (0BH)” command in QPI mode, except
the addressing of the read operation will “Wrap Around” to the beginning boundary of the “Wrap Around” once
the ending boundary is reached. The “Wrap Length” and the number of dummy clocks can be configured by the
“Set Read Parameters (C0H)” command.
Figure 40. Burst Read with Wrap command Sequence Diagram
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
0CH
20
12
16
8
6
7
8
9 10
4 0
4
0 4
0
4
21
13
17
9
5 1
5
1 5
1
5
22
14
18
10 6 2
6
2 6
2
6
23
15
19
11 7 3
7
3 7
3
7
A23-16
A15-8
A7-0
Dummy*
11 12 13 14
IOs switch from
Input to output
Byte1 Byte2 Byte3
*"Set Read Parameters" Command (C0H)
can set the number of dummy clocks
7.35. Enable QPI (38H)
The device support both Standard/Dual/Quad SPI and QPI mode. The “Enable QPI (38H)” command can
switch the device from SPI mode to QPI mode. See the command Table 7.2. for all support QPI commands. In
order to switch the device to QPI mode, the Quad Enable (QE) bit in Status Register-1 must be set to 1 first,
and “Enable QPI (38H)” command must be issued. If the QE bit is 0, the “Enable QPI (38H)” command will
be ignored and the device will remain in SPI mode. When the device is switched from SPI mode to QPI mode,
the existing Write Enable Latch and Program/Erase Suspend status, and the Wrap Length setting will remain
unchanged.
Figure 41. Enable QPI mode command Sequence Diagram
Command
0 1 2 3 4 5 6 7
38H
CS#
SCLK
SI


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com