Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 64 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 64 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 60Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 61Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 62Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 63Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 64Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 65Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 66Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 67Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 68Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
64
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
8.6. DC Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit.
ILI
Input Leakage Current
±2
μA
ILO
Output Leakage Current
±2
μA
ICC1 Standby Current
CS#=VCC, VIN=VCC or VSS
15
50
μA
ICC2 Deep Power-Down Current CS#=VCC, VIN=VCC or VSS
1
5
μA
ICC3 Operating Current (Read)
CLK=0.1VCC/0.9VCC at 104MHz,
Q=Open(*1 I/O)
15
20
mA
CLK=0.1VCC/0.9VCC at 80MHz,
Q=Open(*1,*2,*4 I/O)
13
18
mA
ICC4 Operating Current (PP)
CS#=VCC
25
mA
ICC5 Operating Current (WRSR) CS#=VCC
25
mA
ICC6 Operating Current (SE)
CS#=VCC
25
mA
ICC7 Operating Current (BE)
CS#=VCC
25
mA
VIL Input Low Voltage
0.2VCC
V
VIH Input High Voltage
0.7VCC
VCC+0.4
V
VOL Output Low Voltage
IOL=100μA
0.2
V
VOH Output High Voltage
IOH=-100μA
VCC-0.2
V
(T= -40°C~85°C, VCC=2.7~3.6V)
8.7. AC Characteristics
(T= -40°C~85°C, VCC=2.7~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For All Instructions Except Read
DC.
104
MHz
fC1
Serial Clock Frequency For Quad Read Instructions (1)
DC.
104/80
MHz
fC2
Serial Clock Frequency For QPI Instructions
DC.
80
MHz
fR
Serial Clock Frequency For: Read(03H), Read Manufacturer
ID/device ID(90H), Read Identification(9FH)
DC.
80
MHz
tCLH Serial Clock High Time
4.5
ns
tCLL Serial Clock Low Time
4.5
ns
tCLCH Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH CS# Active Setup Time
5
ns
tCHSH CS# Active Hold Time
5
ns
tSHCH CS# Not Active Setup Time
5
ns
tCHSL CS# Not Active Hold Time
5
ns
tSHSL CS# High Time (read/write)
20
ns
tSHQZ Output Disable Time
6
ns
tCLQX Output Hold Time
1.0
ns
tDVCH Data In Setup Time
2
ns


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com