Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 65 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 65 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 61Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 62Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 63Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 64Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 65Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 66Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 67Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 68Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 69Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
65
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Note:
(1). Serial Clock Frequency for Quad Read Instructions fC1 is 104MHz maximum, when operating temperature
is ≤80°C.
(2). Serial Clock Frequency for Quad Read Instructions fC1 is 80MHz maximum, when 80°C < operating
temperature ≤85°C.
Symbol
Parameter
Min.
Typ.
Max.
Unit.
tCHDX Data In Hold Time
2
ns
tHLCH Hold# Low Setup Time (Relative to Clock)
5
ns
tHHCH Hold# High Setup Time (Relative to Clock)
5
ns
tCHHL Hold# High Hold Time (Relative to Clock)
5
ns
tCHHH Hold# Low Hold Time (Relative to Clock)
5
ns
tHLQZ Hold# Low To High-Z Output
6
ns
tHHQX Hold# Low To Low-Z Output
6
ns
tCLQV Clock Low To Output Valid
6.5
ns
tWHSL Write Protect Setup Time Before CS# Low
20
ns
tSHWL Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1 CS# High To Standby Mode Without Electronic Signature Read
30
μs
tRES2 CS# High To Standby Mode With Electronic Signature Read
30
μs
tSUS CS# High To Next Command After Suspend
20
μs
tRST_R CS# High To Next Command After Reset (from read)
20
μs
tRST_P CS# High To Next Command After Reset (from program)
20
μs
tRST_E CS# High To Next Command After Reset (from erase)
12
ms
tW
Write Status Register Cycle Time
5
30
ms
tBP1 Byte Program Time (First Byte)
30
50
μs
tBP2 Additional Byte Program Time (After First Byte)
2.5
12
μs
tPP
Page Programming Time
0.6
2.4
ms
tSE
Sector Erase Time
50
400
ms
tBE
Block Erase Time (32K Bytes)
0.2
1.0
s
tBE
Block Erase Time (64K Bytes)
0.3
1.2
s
tCE
Chip Erase Time (GD25Q128C)
60
120
s
Figure 48. Serial Input Timing Diagram
SCLK
CS#
SI
MSB
SO
High-Z
LSB
tCHSL
tSLCH
tDVCH
tCHDX
tSHCH
tCHSH
tCHCL
tCLCH
tSHSL


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com