Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD25Q128CXIGX Datasheet(PDF) 10 Page - ELM Electronics

No. de pieza GD25Q128CXIGX
Descripción Electrónicos  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM [ELM Electronics]
Página de inicio  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q128CXIGX Datasheet(HTML) 10 Page - ELM Electronics

Back Button GD25Q128CXIGX Datasheet HTML 6Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 7Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 8Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 9Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 10Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 11Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 12Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 13Page - ELM Electronics GD25Q128CXIGX Datasheet HTML 14Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
10
Rev.1.2
69 -
http://www.elm-tech.com
GD25Q128CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Status Register Content
Memory Content
BP4 BP3 BP2 BP1 BP0
Blocks
Addresses
Density
Portion
×
×
0
0
0
0 to 255
000000H-FFFFFFH
ALL
ALL
0
0
0
0
1
0 to 251
000000H-FBFFFFH
16128KB
Lower 63/64
0
0
0
1
0
0 to 247
000000H-F7FFFFH
15872KB
Lower 31/32
0
0
0
1
1
0 to 239
000000H-EFFFFFH
15MB
Lower 15/16
0
0
1
0
0
0 to 223
000000H-DFFFFFH
14MB
Lower 7/8
0
0
1
0
1
0 to 191
000000H-BFFFFFH
12MB
Lower 3/4
0
0
1
1
0
0 to 127
000000H-7FFFFFH
8MB
Lower 1/2
0
1
0
0
1
4 to 255
040000H-FFFFFFH
16128KB
Upper 63/64
0
1
0
1
0
8 to 255
080000H-FFFFFFH
15872KB
Upper 31/32
0
1
0
1
1
16 to 255
100000H-FFFFFFH
15MB
Upper 15/16
0
1
1
0
0
32 to 255
200000H-FFFFFFH
14MB
Upper 7/8
0
1
1
0
1
64 to 255
400000H-FFFFFFH
12MB
Upper 3/4
0
1
1
1
0
128 to 255
800000H-FFFFFFH
8MB
Upper 1/2
×
×
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 255
000000H-FFEFFFH
16380KB
L-4095/4096
1
0
0
1
0
0 to 255
000000H-FFDFFFH
16376KB
L-2047/2048
1
0
0
1
1
0 to 255
000000H-FFBFFFH
16368KB
L-1023/1024
1
0
1
0
×
0 to 255
000000H-FF7FFFH
16352KB
L-511/512
1
0
1
1
0
0 to 255
000000H-FF7FFFH
16352KB
L-511/512
1
1
0
0
1
0 to 255
001000H-FFFFFFH
16380KB
U-4095/4096
1
1
0
1
0
0 to 255
002000H-FFFFFFH
16376KB
U-2047/2048
1
1
0
1
1
0 to 255
004000H-FFFFFFH
16368KB
U-1023/1024
1
1
1
0
×
0 to 255
008000H-FFFFFFH
16352KB
U-511/512
1
1
1
1
0
0 to 255
008000H-FFFFFFH
16352KB
U-511/512
Table5.2. GD25Q128C Protected area size (WPS=0, CMP=1)
Block
Sector
Address range
Individual Block Lock Operation
255
4095
FFF000H
FFFFFFH
32 Sectors(Top/Bottom)/254 Blocks
Block Lock: 36H+Address
Block Unlock: 39H+Address
Read Block Lock: 3DH+Address
Global Block Lock: 7EH
Global Block Unlock: 98H
-----
-----
-----
4080
FF0000H
FF0FFFH
254
FE0000H
FEFFFFH
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
2
020000H
02FFFFH
1
010000H
01FFFFH
0
15
00F000H
00FFFFH
-----
-----
-----
0
000000H
000FFFH
Table5.3. GD25Q128C Individual Block Protection (WPS=1)


Número de pieza similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
128M-bit Serial Flash
More results

Descripción similar - GD25Q128CXIGX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
3.3V Uniform Sector Dual and Quad Serial Flash
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com